Electronic Components Datasheet Search
  English  ▼

X  

PMB8752 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PMB8752
Description  BlueMoon Universal Next Generation Bluetooth Chip Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMB8752 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PMB8752 Datasheet HTML 1Page - Infineon Technologies AG PMB8752 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Never
stop
think i ng.
BlueMoon
® Univers a l – the fut u re g e ner a tion.
The next step in Infineon’s Bluetooth
® wireless technology is about to
become reality. A new scale in integration, miniaturization, and cost
reduction will be the basis for the Bluetooth wireless connectivity to
get into everybody's daily life.
The BlueMoon UniCellular 1 (PMB 8752) is perfectly suited for cellular
phones offering high RF performance and lowest power consumption
at unbeatable cost efficiency.
On top of that BlueMoon UniCellular 2 (PMB 8753) provides medium
data rate capabilities up to 3 Mbit/s according to the upcoming
Bluetooth Standard 2.0.
App l ic ation s
■
Headset and Handsfree
■
Dial-up networking
■
Data transfer
■
Synchronization
■
Cordless telephony
■
Advanced audio
K e y B e nefits
■
True single chip
■
Low power consumption
■
Smallest size, highest integration, lowest BoM
■
High data throughput
■
Excellent RF performance
www .infineon. c o m/b l uetooth
BlueMoon Univ er s a l
Next Gener a tion
Bluet o oth Chip F a mi ly
W i r e les s C o mmu nic ation
Product Brief
Fea t u r es
■
ARM7TDMI-S
TM ARM® CPU
■
0.13 µm standard CMOS technology
■
Bluetooth 1.2 Support
– Adaptive frequency hopping
–Extended SCO
– Fast connection setup
■
Bluetooth 2.0 support (PMB 8753 only)
– Medium data rate up to 3 Mbit/s
■
Firmware up to HCI in integrated ROM
■
Lowest power consumption
–
< 40 mA peak in active mode
–
< 20 µA in low power mode
■
High RF sensitivity (-90 dBm @ 0.1% BER)
■
Dynamic control of output power
■
Package options (lead-free/halogen-free)
– 7 x 7 mm P-VQFN-48
– 5 x 5 mm PG-WFLGA-56
Note: The Bluetooth word mark is owned by the Bluetooth SIG, Inc.
and any use of this mark by Infineon Technologies AG
is under license. The BlueMoon trade mark is owned by
Infineon Technologies AG.


Similar Part No. - PMB8752

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8761 INFINEON-PMB8761 Datasheet
156Kb / 2P
BlueMoon Single Cellular
2004-01-01
PMB8787 INFINEON-PMB8787 Datasheet
150Kb / 2P
Dual-Band Modem IC (PHY) for WLAN System Solutions
2003
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
More results

Similar Description - PMB8752

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
Next Generation MIL-PRF-64266
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
silex technology americ...
SX-PCEAX SILEX-SX-PCEAX Datasheet
5Mb / 2P
Next Generation IEEE 802.11 abgn/ac/ax Plus Bluetooth PCIe Combo Module
REV A. 20210531
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com