Electronic Components Datasheet Search
  English  ▼

X  

VN7007AH Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN7007AH
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007AH Datasheet(HTML) 1 Page - STMicroelectronics

  VN7007AH Datasheet HTML 1Page - STMicroelectronics VN7007AH Datasheet HTML 2Page - STMicroelectronics VN7007AH Datasheet HTML 3Page - STMicroelectronics VN7007AH Datasheet HTML 4Page - STMicroelectronics VN7007AH Datasheet HTML 5Page - STMicroelectronics VN7007AH Datasheet HTML 6Page - STMicroelectronics VN7007AH Datasheet HTML 7Page - STMicroelectronics VN7007AH Datasheet HTML 8Page - STMicroelectronics VN7007AH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
VN7007AH
High-side driver with CurrentSense analog feedback for
automotive applications
Datasheet - production data
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
7
mΩ
Current limitation (typ)
ILIMH
100 A
Stand-by current (max)
ISTBY
0.5 µA
•
Automotive qualified
•
General
−
Single channel smart high-side driver
with CurrentSense analog feedback
−
Very low standby current
−
Compatible with 3.0 V and 5 V CMOS
outputs
•
Diagnostic functions
−
Overload and short to ground (power
limitation) indication
−
Thermal shutdown indication
−
OFF-state open-load detection
−
Output short to VCC detection
−
Sense enable/ disable
•
Protections
−
Undervoltage shutdown
−
Overvoltage clamp
−
Load current limitation
−
Self limiting of fast thermal transients
−
Loss of ground and loss of VCC
−
Reverse battery
−
Electrostatic discharge protection
Applications
•
All types of Automotive resistive, inductive
and capacitive loads
•
Specially intended for Automotive
Headlamps
Description
The device is a single channel high-side driver
manufactured using ST proprietary VIPower®
technology and housed in the Octapak package.
The device is designed to drive 12 V automotive
grounded loads through a 3 V and 5 V CMOS-
compatible interface, providing protection and
diagnostics.
The device integrates advanced protective
functions such as load current limitation, overload
active management by power limitation and
overtemperature shutdown.
A sense enable pin allows OFF-state diagnosis to
be disabled during the module low-power mode
as well as external sense resistor sharing among
similar devices.
Table 1: Device summary
Package
Order codes
Tape and reel
Octapak
VN7007AHTR
October 2015
DocID027957 Rev 2
1/37
This is information on a product in full production.
www.st.com


Similar Part No. - VN7007AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7007AH-E STMICROELECTRONICS-VN7007AH-E Datasheet
829Kb / 40P
High-side driver with CurrentSense analog feedback for automotive applications
22-Apr-2015
VN7007AHTR STMICROELECTRONICS-VN7007AHTR Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7007AHTR-E STMICROELECTRONICS-VN7007AHTR-E Datasheet
829Kb / 40P
High-side driver with CurrentSense analog feedback for automotive applications
22-Apr-2015
VN7007AH STMICROELECTRONICS-VN7007AH_V01 Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
More results

Similar Description - VN7007AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
22-Jun-2015
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VND7140AJ12 STMICROELECTRONICS-VND7140AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
14-Sep-2015
VNQ7050AJ STMICROELECTRONICS-VNQ7050AJ Datasheet
1Mb / 42P
Quad channel high-side driver with CurrentSense analog feedback
04-Jun-2015
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
High-side driver with CurrentSense analog feedback for automotive applications
08-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com