Electronic Components Datasheet Search
  English  ▼

X  

PTF080901 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTF080901
Description  LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080901 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTF080901 Datasheet HTML 1Page - Infineon Technologies AG PTF080901 Datasheet HTML 2Page - Infineon Technologies AG PTF080901 Datasheet HTML 3Page - Infineon Technologies AG PTF080901 Datasheet HTML 4Page - Infineon Technologies AG PTF080901 Datasheet HTML 5Page - Infineon Technologies AG PTF080901 Datasheet HTML 6Page - Infineon Technologies AG PTF080901 Datasheet HTML 7Page - Infineon Technologies AG PTF080901 Datasheet HTML 8Page - Infineon Technologies AG PTF080901 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
4
2004-04-05
PTF080901
50.0
50.5
51.0
51.5
52.0
24
26
28
30
32
Supply Voltage (V)
Output Power (at 1 dB Compression)
vs. Supply Voltage
IDQ = 650 mA, f = 960 MHz
IS-95 CDMA Performance
VDD = 28 V, IDQ = 700 mA, f = 880 MHz
0
10
20
30
40
50
60
40
41
42
43
44
45
Output Power (dBm), Avg.
-70
-65
-60
-55
-50
-45
-40
Efficiency
ACP F
C – 0.75 MHz
ACPR F
C + 1.98 MHz
Power Sweep
VDD = 28 V, f = 960 MHz
16.5
17.0
17.5
18.0
18.5
19.0
37
39
41
43
45
47
49
51
53
Output Power (dBm)
I
DQ = 820 mA
I
DQ = 480 mA
I
DQ = 650 mA
Gain & Efficiency vs. Output Power
VDD = 28 V, IDQ = 650 mA, f = 960 MHz
14
15
16
17
18
19
20
40
43
46
49
52
Output Power (dBm)
10
20
30
40
50
60
70
Efficiency
Gain
Typical Performance (cont.)
All published data at TCASE = 25°C unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com