Electronic Components Datasheet Search
  English  ▼

X  

ACE24C128B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24C128B
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C128B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C128B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C128B Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ACE24C128B/256B/512B
Two-wire Serial EEPROM
VER 1.4
6
Figure 2: Start and Stop Definition
Figure 3: Output Acknowledge
Device Addressing
The 128K/256K/512K EEPROM devices all require an 8-bit device address word following a start
condition to enable the chip for a read or write operation (see to Figure 4 on page 7).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant
bits as shown. This is common to all the Serial EEPROM devices.
The 128K/256K/512K EEPROM uses A2, A1 and A0 device address bits to allow as much as eight
devices on the same bus. These 3 bits must be compared to their corresonding hardwired input pins.
The A2, A1 and A0 pins use an internal proprietary circuit that biases them to a logic low condition if the
pins are allowed to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com