Electronic Components Datasheet Search
  English  ▼

X  

ACE518C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE518C
Description  1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE518C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE518C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE518C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE518C
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
1
Description
ACE518C series are a group of positive voltage output, high precise, and low power consumption
voltage regulator. Voltages are selectable in 100Mv steps within a range of 1.2V to 5.0V. It also can be
customized on command.
ACE518C series have excellent load and line transient response and good temperature characteristics,
which can assure the stability of chip and power system. And it uses trimming technique to guarantee
output voltage accuracy within ±2%.
Features
• Low Quiescent Current: 100uA at 5V
• High PSRR: 65dB range to 1KHz
• Low Output Noise: 44uVRMS
• Low Dropout: 200mV at 0.8A load, Vout=3.3V
• Maximum output current: 1A
• Highly Accurate: ±2%
• Low ESR Ceramic Capacitor Compatible
Application
• Reference Voltage Source
• Battery Powered Equipment
• PC Peripherals
• Wireless Devices
• Instrumentation


Similar Part No. - ACE518C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ACGM+H ACE-ACE510ACGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ADGM+H ACE-ACE510ADGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510AEGM+H ACE-ACE510AEGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510BCGM+H ACE-ACE510BCGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
More results

Similar Description - ACE518C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com