Electronic Components Datasheet Search
  English  ▼

X  

ACE2308E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2308E
Description  N-Channel 30-V MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2308E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2308E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE2308E
N-Channel 30-V MOSFET
VER 1.1
1
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications
• Power Routing
• Li Ion Battery Packs
• Level Shifting and Driver Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
a
TA=25℃
ID
3.5
A
TA=70℃
2.8
Pulse Drain Current
b
IDM
15
A
Continuous Source Current (Diode Conduction)
a
IS
1.9
A
Power Dissipation
a
TA=25℃
PD
1.3
W
TA=70℃
0.8
Operating Temperature / Storage Temperature
TJ/TSTG
-55/150
OC
*1 Pw ≦
10 μs, Duty cycle ≦1 %
*2 When mounted on a 1*0.75*0.062 inch glass epoxy board%
THERMAL RESISTANCE RATINGS
Parameter
Symbol Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
100
OC/W
Steady State
166
Packaging Type
SOT-23-3
D
G
S


Similar Part No. - ACE2308E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2301 ACE-ACE2301 Datasheet
97Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2301 ACE-ACE2301 Datasheet
267Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2301B ACE-ACE2301B Datasheet
261Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2301BM+H ACE-ACE2301BM+H Datasheet
97Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2301BM+H ACE-ACE2301BM+H Datasheet
267Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE2308E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
N-Channel 30-V MOSFET
14-Apr-03
logo
ACE Technology Co., LTD...
ACE1430M ACE-ACE1430M Datasheet
484Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE7402M ACE-ACE7402M Datasheet
391Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE4410M ACE-ACE4410M Datasheet
368Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4874BDY VISHAY-SI4874BDY_17 Datasheet
164Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
N-Channel 30-V MOSFET
06-Apr-09
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
N-Channel 30-V MOSFET
09-Feb-09
logo
Nexperia B.V. All right...
PMPB100ENE NEXPERIA-PMPB100ENE Datasheet
321Kb / 15P
30 V, N-channel MOSFET
26 April 2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com