Electronic Components Datasheet Search
  English  ▼

X  

VPS2535H Datasheet(PDF) 11 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VPS2535H Datasheet HTML 7Page - STMicroelectronics VPS2535H Datasheet HTML 8Page - STMicroelectronics VPS2535H Datasheet HTML 9Page - STMicroelectronics VPS2535H Datasheet HTML 10Page - STMicroelectronics VPS2535H Datasheet HTML 11Page - STMicroelectronics VPS2535H Datasheet HTML 12Page - STMicroelectronics VPS2535H Datasheet HTML 13Page - STMicroelectronics VPS2535H Datasheet HTML 14Page - STMicroelectronics VPS2535H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DocID028862 Rev 1
11/30
VPS2535H
Electrical specifications
29
Figure 5. TSTBY definition
Table 8. Protections and diagnostics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit current
VCC = 24 V
30
42
55
A
5V <VCC <36V
55
A
IlimL
Short circuit current
during thermal cycling
VCC = 24 V; TR <Tj <TTSD
10.5
A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1
TRS + 5
°C
TRS
Thermal reset of status
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT = 3 A; VIN =0;
L= 6mH
VCC - 58 VCC - 64 VCC - 70
V
VON
Output voltage drop
limitation
IOUT =150 mA;
Tj = -40°C to150 °C
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com