Electronic Components Datasheet Search
  English  ▼

X  

AX93167 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93167
Description  Supports 1 PCI Express Mini Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93167 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93167 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
5
386
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
OPS883
1. JAE TX-25
2. Optional Antenna
3. RS-232
4. Ethernet
5. HDMI Output
6. Power Switch
7. Reset
8. HDD indicator
9. Audio(Line-out)
10. Audio(Mic.-in)
11. 2 x USB 2.0
12. 1 x USB 3.0
13. Optional Antenna
14. 2.5” SATA HDD
Features
4th Generation Intel® Core™ i7/i5/i3 &
Celeron® Processor Open Pluggable
Specification (OPS) Digital Signage Player
with Intel® Q87 Chipset and TPM 1.2
● Intel® Open Pluggable Specification (OPS) compliance
● 4th Generation Intel® Core™ i7/i5/i3 & Celeron® processor
(Haswell Refresh)
● Supports DDR3-1600 SO-DIMM max. up to 8 GB
● Supports 1 PCI Express Mini Card
● Supports TPM 1.2
● Easy installation and maintenance
● HDMI for 2nd display w/4K resolution
● Intel®AMT 9.0 supported
Specifications
Ordering Information
Standard
OPS883
OPS digital signage player supports LGA1150 socket Intel®
Core™ i7/i5/i3 & Celeron® processor with iAMT feature
Optional
AX93167
OPS docking board with 4K solution
* Specifications and photos are based on options and may vary
Packing
Optional OS Installation
Windows® 7, Windows® 8.1
Dimensions
Main System
CPU
LGA1150 socket 4th generation Intel®
Core™ processor (Haswell Refresh)
Chipset
Intel® Q87
System Memory
1 x 204 pin DDR3-1600 SO-DIMM
max. up to 8 GB
Storage
1 x 2.5" SATA HDD tray
1 x mSATA (Option)
Watchdog Timer
255 levels, 1-255 sec.
I/O
2 x USB 2.0
1 x USB 3.0
1 x 10/100/1000Mbps Ethernet
1 x HDMI with 4K Resolution
1 x RS-232 (COM2)
1 x power on/off button
1 x reset button
1 x Audio (Line-out)
1 x Audio (Mic-in)
1 x Display Port (via OPS JAE interconnector)
2 x USB 2.0 (via OPS JAE interconnector)
1 x USB 3.0 (via OPS JAE interconnector)
1 x Audio (Line out, via OPS JAE interconnector)
1 x UART (TX/RX, via OPS JAE interconnector) (COM1)
Indicator
1 x LED for system power ON
1 x LED for HDD active
WiFi
Optional Wi-Fi module
Expansion Slot
1 x full-size PCI Express Mini card (USB+PCI Express Signal)
Dimensions
200 mm (7.87”) (W) x 119 mm (4.68”) x 30 mm (1.18”)
Packing Dimension
270 mm (10.63”) (W) x 197 mm (7.76”) x 70mm (2.76”)
Weight (net/gross)
1 kg (2.21lb)/ 1.5 kg (3.3 lb)
Environmental
0°C ~ +45°C (+32°F ~ +113°F) (with airflow 1.2m/s)
1 x driver CD
1 x thermal grease
2 x M2 x 5 screw
2 x M4 x 6 screw
1
2
6 13
14
3
4
5 7
8
9 10
12
11
DDR3
DDR3
DDR3
USB 3.0
USB
USB
AMT
Intel OPS


Similar Part No. - AX93167

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93167 AXIOMTEK-AX93167 Datasheet
293Kb / 1P
Open Pluggable Specification OPS Digital Signage with 6th Generation Intel Core
More results

Similar Description - AX93167

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
PCI Express Mini Card expansion
MANO830 AXIOMTEK-MANO830 Datasheet
274Kb / 1P
PCI Express Mini Card supported
SHB102 AXIOMTEK-SHB102 Datasheet
158Kb / 1P
Supports PCI Express 2.0 x16
EBOX550-100-FL AXIOMTEK-EBOX550-100-FL Datasheet
204Kb / 1P
1 internal PCI Express Mini Card slot
EBOX620-800-FL AXIOMTEK-EBOX620-800-FL Datasheet
400Kb / 1P
1 internal PCI Express Mini Card slot
EBOX640-860-FL AXIOMTEK-EBOX640-860-FL Datasheet
315Kb / 1P
1 internal PCI Express Mini Card slot
EBOX620-801-FL AXIOMTEK-EBOX620-801-FL_14 Datasheet
380Kb / 1P
1 internal PCI Express Mini Card slot
GOT3156T-834 AXIOMTEK-GOT3156T-834_16 Datasheet
444Kb / 2P
Supports dual Express Mini card slots
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT_16 Datasheet
497Kb / 2P
Supports dual PCI Express Mini card slots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com