Electronic Components Datasheet Search
  English  ▼

X  

PICO500 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO500
Description  1 USB 2.0 and 1 Gigabit LAN ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO500 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO500 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
131
* All specifications and photos are subject to change without notice.
PICO500
Features
6th Generation Intel® Core™ i7/i5/i3 and
Celeron® Processor Pico-ITX SBC with
HDMI/LVDS, 1 GE & Audio
● 6th generation Intel® Core™ i7/i5/i3 & Celeron® processor
(Skylake)
● 1 DDR4 SO-DIMM supports up to 16 GB memory capacity
● 1 USB 2.0 and 1 Gigabit LAN ports
● Intel® AMT 11 supported
I/O
Display
System
NEW
Packing List
Standard
Quick installation guide, User’s Manual/Utility CD and accessories
Accessories
Part Number
Description
Qty
SATA cable
1
SATA power cable
1
Heatspreader
1
Cooler
1
CPU
6th generation Intel® i7/i5/i3 & Celeron® processor
onboard (Skylake)
System Memory
1 x 260-pin DDR4-2133 SO-DIMM max. up to 16 GB
Chipset
N/A
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
1 x PCIe x1, 2 x UART, 1 x DDI, 4 x USB 3.0, and 1 x HD audio
(through expansion connector)
Battery Lithium
Lithium 3V/220mAH
Power Input
DC power jack connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
TBD
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
N/A
SATA
1 x SATA-600
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i219LM
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
1 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
N/A
Chipset
Intel® HD Graphics
Memory Size
Share System memory
Display Interface
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
Ordering Information
Standard
PICO500HGA-i7-6600U
6th generation Intel® Core™ i7-6600U (2.6-3.4 GHz, 4 MB
cache, 15W) pico-ITX SBC with HDMI/LVDS, 1 GbE LAN and
1 USB 2.0
PICO500HGA-i3-6100U
6th generation Intel® Core™ i3-6100U (2.3 GHz, 3 MB
cache, 15W) pico-ITX SBC with HDMI/LVDS, 1 GbE LAN and
1 USB 2.0
Optional
AX93275
(P/N:E393275100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x VGA, 1 x Audio
AX93276
(P/N:E393276100)
I/O board for 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0,
1 x HDMI, 1 x Gigabit LAN
Rear view
DDR4 SO-DIMM
Full-Size PCI
Express Mini
Card w/mSATA
supported
Ethernet
HDMI
LVDS
+12V power input
4 x USB 3.0,
1 x PCIe x1, DDI
Audio, 2 x UART,
Power on/off, reset LED
SATA
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
+12V
DDR4
DDR4
DDR4


Similar Part No. - PICO500

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO500 AXIOMTEK-PICO500_17 Datasheet
330Kb / 1P
Pico-ITX SBC with 6th Gen Intel Core i7/i5/i3 & Celeron Processors
More results

Similar Description - PICO500

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3383 ADVANTECH-ARK-3383 Datasheet
442Kb / 2P
Seven USB 2.0 Ports, Four Serial Ports, and Dual LAN Audio Compact System
logo
Axiomtek Co., Ltd.
P1177E-842 AXIOMTEK-P1177E-842 Datasheet
381Kb / 2P
1 USB 3.0, 3 USB 2.0 and 4 COM ports
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
2 Gigabit Ethernet ports and 2 USB 2.0 ports
GOT5100T-834 AXIOMTEK-GOT5100T-834_16 Datasheet
491Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 2 COM ports
GOT5152T-834 AXIOMTEK-GOT5152T-834_16 Datasheet
693Kb / 2P
Supports 2 Gigabit LAN, 4 USB & 3 COM ports
logo
Vecow Co., Ltd.
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
logo
Central Technologies
CTLF24P1GF CT-CTLF24P1GF Datasheet
357Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF24S1GF CT-CTLF24S1GF Datasheet
313Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLF48S1GF CT-CTLF48S1GF Datasheet
600Kb / 2P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
CTLFPP1GF CT-CTLFPP1GF Datasheet
423Kb / 3P
LAN Filters - 1 Gigabit Ethernet
REV 01.07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com