Electronic Components Datasheet Search
  English  ▼

X  

TMMDB3 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # TMMDB3
Description  DIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TMMDB3 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  TMMDB3 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TMMDB3 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TMMDB3 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TMMDB3 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMMDB3
2/4
Symbol
Parameter
Test Conditions
Value
Unit
VBO
Breakover voltage *
C = 22nF **
MIN.
28
V
TYP.
32
MAX.
36
IVBO1 -VBO2 I
Breakover voltage
symmetry
C = 22nF **
MAX.
± 3
V
∆ V
Dynamic breakover
voltage *
VBO and VF at
10mA
MIN.
5
V
VO
Output voltage *
see diagram 2
(R=20
Ω)
MIN.
5
V
IBO
Breakover current *
C = 22nF **
MAX.
50
µA
tr
Rise time *
see diagram 3
MAX.
2
µs
IR
Leakage current *
VR = 0.5 VBO max
MAX.
10
µA
* Applicable to both forward and reverse directions.
** Connected in parallel to the device.
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
TMM
DB
3
Breakover voltage
3: V
typ = 32V
BO
Diac Series
MINIMELF
ORDERING INFORMATION
Part Number
Marking
Weight
Base Quantity
Packing Mode
TMMDB3
(None)
0.04 g
2500
Tape & Reel
OTHER INFORMATION
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com