Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166W Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # SAB80C166W
Description  High-Performance CMOS 16-Bit Microcontrollers
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166W Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button SAB80C166W Datasheet HTML 17Page - Infineon Technologies AG SAB80C166W Datasheet HTML 18Page - Infineon Technologies AG SAB80C166W Datasheet HTML 19Page - Infineon Technologies AG SAB80C166W Datasheet HTML 20Page - Infineon Technologies AG SAB80C166W Datasheet HTML 21Page - Infineon Technologies AG SAB80C166W Datasheet HTML 22Page - Infineon Technologies AG SAB80C166W Datasheet HTML 23Page - Infineon Technologies AG SAB80C166W Datasheet HTML 24Page - Infineon Technologies AG SAB80C166W Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
SAB 80C166W/83C166W
Semiconductor Group
21
Watchdog Timer
The Watchdog Timer represents one of the fail-safe mechanisms which have been implemented to
prevent the controller from malfunctioning for longer periods of time.
The Watchdog Timer is always enabled after a reset of the chip, and can only be disabled in the time
interval until the EINIT (end of initialization) instruction has been executed. Thus, the chip’s start-up
procedure is always monitored. The software has to be designed to service the Watchdog Timer
before it overflows. If, due to hardware or software related failures, the software fails to do so, the
Watchdog Timer overflows and generates an internal hardware reset and pulls the RSTOUT pin low
in order to allow external hardware components to be reset.
The Watchdog Timer is a 16-bit timer, clocked with the CPU clock divided either by 2 or by 128. The
high byte of the Watchdog Timer register can be set to a prespecified reload value (stored in
WDTREL) in order to allow further variation of the monitored time interval. Each time it is serviced
by the application software, the high byte of the Watchdog Timer is reloaded. Thus, time intervals
between 25
µs and 420 ms can be monitored (@ 20 MHz CPU clock). The default Watchdog Timer
interval after reset is 6.55 ms (@ 20 MHz CPU clock).
Bootstrap Loader
The SAB 80C166W/83C166W provides a built-in bootstrap loader (BSL), which allows to start
program execution out of the SAB 80C166W/83C166W’s internal RAM. This start program is
loaded via the serial interface ASC0 and does not require external memory or an internal ROM.
The SAB 80C166W/83C166W enters BSL mode, when ALE is sampled high at the end of a
hardware reset and if NMI becomes active directly after the end of the internal reset sequence. BSL
mode is entered independent of the bus mode selected via EBC0, EBC1 and BUSACT.
After entering BSL mode the SAB 80C166W/83C166W scans the RXD0 line to receive a zero byte,
ie. one start bit, eight ‘0’ data bits and one stop bit. From the duration of this zero byte it calculates
the corresponding baudrate factor with respect to the current CPU clock and initializes ASC0
accordingly. Using this baudrate, an acknowledge byte is returned to the host that provides the
loaded data. The SAB 80C166W/83C166W returns the value <55H>.
The next 32 bytes received via ASC0 are stored sequentially into locations 0FA40H through
0FA5FH of the internal RAM. To execute the loaded code the BSL then jumps to location 0FA40H.
The loaded program may load additional code / data, change modes, etc.
The SAB 80C166W/83C166W exits BSL mode upon a software reset (ignores the ALE level) or a
hardware reset (remove conditions for entering BSL mode before).
Instruction Set Summary
The summary on the following pages lists the instructions of the SAB 80C166W/83C166W ordered
into logical groups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com