Electronic Components Datasheet Search
  English  ▼

X  

ACE3926E Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE3926E
Description  Dual N-Channel 20-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3926E Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE3926E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3926E Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE3926E
Dual N-Channel 20-V MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±12 V
±10
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
1
uA
VDS = 16V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 4.5 V
20
A
Drain-Source On-Resistance
A
RDS(ON)
VGS = 4.5 V ID = 2 A
10
mΩ
VGS = 2.5 V, ID =1.6 A
14
Forward Transconductance
A
gFS
VDS =15 V, ID = 2 A
3
S
Diode Forward Voltage
VSD
IS = 3.5 A, VGS = 0 V
0.8
V
Dynamic
b
Total Gate Charge
Qg
VDS = 10V, VGS = 4.5 V, ID = 2 A
15
nC
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
3.7
Turn-On Delay Time
td(on)
VDS = 10 V, RL = 5 Ω,
ID = 2 A, VGEN = 4.5 V , RGEN = 6 Ω,
178
ns
Rise Time
tr
332
Turn-Off Delay Time
td(off)
1939
Fall Time
tf
902
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 Mhz
1225
pF
Output Capacitance
Coss
151
Reverse Transfer Capacitance
Crss
123
Note :
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com