Electronic Components Datasheet Search
  English  ▼

X  

ACE5213A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5213A
Description  P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5213A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5213A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5213A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5213A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5213A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5213A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5213A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE5213A
P-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE5213A is the P-Channel enhancement mode power field effect transistors are produced using
high cell density, DMOS trench technology. This high density process is especially tailored to minimize
on-state resistance and provide superior switching performance.
These devices are particularly suited for low voltage applications such as notebook computer power
management and other battery powered circuits where high-side switching, low in-line power loss, and
resistance to transients are needed.
Features
• P-Channel
-20V/0.45A,RDS(ON)=
0.52Ω@VGS=-4.5V
-20V/0.35A,RDS(ON)=
0.70Ω@VGS=-2.5V
-20V/0.25A,RDS(ON)=
0.95Ω@VGS=-1.8V
• Super high density cell design for extremely low R
DS (ON)
• Exceptional on-resistance and maximum DC current capability
Application
• Drivers : Relays/Solenoids/Lamps/Hammers
• Power Supply Converter Circuits
• Load/Power Switching Cell Phones, Pagers
Absolute Maximum Ratings
Parameter
Symbol
Max Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
-0.45
A
TA=70℃
-0.35
Pulsed Drain Current
IDM
-1.0
A
Continuous Source Current (Diode Conduction)
IS
-0.3
A
Power Dissipation
TA=25℃
PD
0.27
W
TA=70℃
0.16
Operating Junction Temperature
TJ
-55/150
OC
Storage Temperature Range
TSTG
-55/150
OC


Similar Part No. - ACE5213A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE5212A ACE-ACE5212A Datasheet
469Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE5213A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com