Electronic Components Datasheet Search
  English  ▼

X  

SEMB13 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SEMB13
Description  PNP Silicon Digital Transistor Array Preliminary data
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SEMB13 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SEMB13 Datasheet HTML 1Page - Infineon Technologies AG SEMB13 Datasheet HTML 2Page - Infineon Technologies AG SEMB13 Datasheet HTML 3Page - Infineon Technologies AG SEMB13 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMB13
Feb-26-2004
1
PNP Silicon Digital Transistor Array
Preliminary data
• Switching circuit, inverter, interface circuit,
driver circuit
• Two ( galvanic) internal isolated Transistors
with good matching in one package
• Built in bias resistors (R1=4,7kΩ, R2 =47kΩ)
1
3
6
5
4
2
EHA07173
6
54
3
2
1
C1
B2
E2
C2
B1
E1
1
R
R 2
R1
R 2
TR1
TR2
Type
Marking
Pin Configuration
Package
SEMB13
WB
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT666
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
5
Input on Voltage
Vi(on)
15
DC collector current
IC
100
mA
Total power dissipation
, TS = 75 °C
Ptot
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
≤ 300
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - SEMB13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SEMB13 INFINEON-SEMB13 Datasheet
480Kb / 9P
PNP Silicon Digital Transistor
Jun-14-2004
More results

Similar Description - SEMB13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SEMB1 INFINEON-SEMB1 Datasheet
142Kb / 4P
PNP Silicon Digital Transistor Array Preliminary data
Feb-25-2004
SEMB2 INFINEON-SEMB2 Datasheet
143Kb / 4P
PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMB4 INFINEON-SEMB4 Datasheet
142Kb / 4P
PNP Silicon Digital Transistor Array Preliminary data
Mar-01-2004
SEMB9 INFINEON-SEMB9 Datasheet
142Kb / 4P
PNP Silicon Digital Transistor Array Preliminary data
Feb-25-2004
SEMB10 INFINEON-SEMB10 Datasheet
143Kb / 4P
PNP Silicon Digital Transistor Array Preliminary data
Mar-01-2004
SEMB11 INFINEON-SEMB11 Datasheet
143Kb / 4P
PNP Silicon Digital Transistor Array Preliminary data
Feb-09-2004
SEMD2 INFINEON-SEMD2 Datasheet
156Kb / 5P
NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMD3 INFINEON-SEMD3 Datasheet
156Kb / 5P
NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMD4 INFINEON-SEMD4 Datasheet
155Kb / 5P
NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
SEMD9 INFINEON-SEMD9 Datasheet
156Kb / 5P
NPN/PNP Silicon Digital Transistor Array Preliminary data
Feb-26-2004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com