Electronic Components Datasheet Search
  English  ▼

X  

C3D08065E Datasheet(PDF) 5 Page - Cree, Inc

Part # C3D08065E
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D08065E Datasheet(HTML) 5 Page - Cree, Inc

  C3D08065E Datasheet HTML 1Page - Cree, Inc C3D08065E Datasheet HTML 2Page - Cree, Inc C3D08065E Datasheet HTML 3Page - Cree, Inc C3D08065E Datasheet HTML 4Page - Cree, Inc C3D08065E Datasheet HTML 5Page - Cree, Inc C3D08065E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
C3D08065E Rev. A, 12-2015
Recommended Solder Pad Layout
Part Number
Package
Marking
C3D08065E
TO-252-2
C3D08065
Note: Recommended soldering profiles can be found in the applications note here:
http://www.wolfspeed.com/power_app_notes/soldering
Package Dimensions
PackageTO-252-2
Tjb June 2015
MX+DI+PSI
TO-252-2
SYMBOL
MILLIMETERS
MIN
MAX
A
2.159
2.413
A1
0
0.13
b
0.64
0.89
b2
0.653
1.143
b3
5.004
5.6
c
0.457
0.61
c2
0.457
0.864
D
5.867
6.248
D1
5.21
-
E
6.35
7.341
E1
4.32
-
e
4.58 BSC
H
9.65
10.414
L
1.106
1.78
L2
0.51 BSC
L3
0.889
1.27
L4
0.64
1.01
θ
0°
8°
Tjb June 2015
MX+DI+PSI



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com