Electronic Components Datasheet Search
  English  ▼

X  

AX69158 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX69158
Description  1U 15 LCD Rackmount Monitor/Keyboard Drawer with 8-port KVM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX69158 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX69158 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
468
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
11
Features
AX69158
1U 15" LCD Rackmount Monitor/Keyboard
Drawer with 8-port KVM
Industrial level input device for space-critical environments
15" TFT LCD display supports XGA (1024 x 768) resolution
Compact design, only 492 mm depth
LED display for status indicating grade
Integrated keyboard/touchpad
OSD (On Screen Display) function for LCD display
Built-in power supply
Knob lock and slide rail lock
Tempered glass to protect LCD panel
Packing List
Ordering Information
1U monitor/keyboard drawer
Two sets of L-brackets for rear mount (screws included)
AC power cord
Utility CD
One set KVM cable only
Non-Operating
Environment
Temperature: -40° to 70°C (-13°F to 158°F)
Humidity: 5 to 95% @ 40°C (104°F), non-condensing
Altitude: 50,000-feet (15,240-meter)
Shock: 15 g, 11 ms duration, half sine/six axis
Vibration: 10 to 58 Hz, ±0.15 mm; 58 to 500 Hz, 2 g
Standard
AX69158
1U 15" TFT monitor/keyboard drawer with 8-port KVM,
notebook keyboard and touchpad
KVM Cable Option
59069178000E
1-port KVM cable
Specifications
Housing
Meets EIA RS-310C standard 1U 19" (482.6 mm) rackmount,
black color or RAL 7035
Construction
SECC
Standard Color
Black (MOQ50 for white)
LCD
15" TFT LCD panel display with built-in power saving
and back light protection functions
Display Size
15" (381 mm) diagonal
Pixel Pitch (H x V)
0.297 x 0.297 mm
Maximum Resolution
XGA (1024 x 768)
Contrast Ratio
500:1 (typical)
Brightness
250 nits
Response Time
Tr: 10 ms; Tf: 30ms
Scanning Frequencies
Vsync: 58 ~ 75 Hz
Hsync: 46.8 ~ 60.2 kHz
Display Colors
16.77 million
LCD panel protection
Anti-glare glass with hard coating to protect LCD panel
(2 x 249 x 333 mm)
Viewing Angle
Horizontal: 60/60 degrees from center
Vertical: 45/55 degrees from center
Signal Connector
DB25
Monitor Control Type
Digital microprocessor OSD control
Screen Adjustment
Menu, auto adjustment, brightness, contrast, phase, H/V
Controls
position pitch, zoom, color, language and OSD position
Plug & Play
DDC1/2 B
Keyboard
PS/2, 83-key plus numeric keypad
MTBF
30,000hrs
Power Supply
90 ~ 264 VAC, 47 ~ 63 Hz
AC PSU auto-switching
Power Consumption
26.25W
Viewing Area (W x H)
11.98" x 8.99" (304.1 x 228.1 mm)
Dimensions
440 mm (17.34") (W) x 44 mm (1.73") (H)
x 492 mm (19.38") (D)
Weight (net weight)
24.2 lb (11 kg)
Operating Environment
Temperature: 0° to 45°C (32°F to 113°F)
Humidity: 20 to 90% @ 40°C (104°F), non-condensing
Altitude: 10,000-feet (3048-meters)
Shock: 10 g, 11 ms duration, half sine/six axis
Vibration: 10 to 58 Hz, ±0.075 mm; 58 to 500 Hz, 1 g


Similar Part No. - AX69158

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX69150 AXIOMTEK-AX69150 Datasheet
177Kb / 1P
Integrated keyboard/touchpad
More results

Similar Description - AX69158

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
KVM-8P BOSER-KVM-8P Datasheet
79Kb / 1P
19" 1U High, Half-size Rackmount 8-port KVM Switch
KVM-9000 BOSER-KVM-9000 Datasheet
105Kb / 1P
19" 1U High, Full-size Rackmount 8-port/16-port KVM Switch with 15" LCD, keyboard, Touchpad
logo
List of Unclassifed Man...
B004-008 ETC2-B004-008 Datasheet
480Kb / 4P
8-Port 1U Rackmount KVM Switch
B072-008-1 ETC2-B072-008-1 Datasheet
478Kb / 4P
8-Port NetCommander 1U Rackmount Cat5 KVM Switch
logo
Axiomtek Co., Ltd.
AX7042 AXIOMTEK-AX7042_16 Datasheet
156Kb / 1P
1U Keyboard Drawer with Touch Pad
AX69178 AXIOMTEK-AX69178 Datasheet
126Kb / 1P
1U 17 LCD Rackmount Monitor/Keyboard Drawer with 8-port KVM
logo
Advantech Co., Ltd.
96KBM-1C ADVANTECH-96KBM-1C Datasheet
557Kb / 1P
1U Short Depth Keyboard Drawer
96KVM-H17V8U-XX ADVANTECH-96KVM-H17V8U-XX Datasheet
207Kb / 1P
1U 17 FHD LCD KVM Drawer
96KVM-R19V8C-XX ADVANTECH-96KVM-R19V8C-XX Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
RK-1 ADVANTECH-RK-1 Datasheet
426Kb / 2P
Keyboard Drawer & KVM Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com