Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G97DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G97DBVT
Description  Configurable Multiple-Function Gate
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G97DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC1G97DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 13Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 14Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 15Page - Texas Instruments SN74LVC1G97DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
Time (ns)
Vin
Vout
C001
SN74LVC1G97
SCES416M – DECEMBER 2002 – REVISED JUNE 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
The SN74LVC1G97 device uses CMOS technology and has balanced output drive. Avoid bus contentions
that can drive currents that can exceed maximum limits.
The SN74LVC1G97 allows for performing logical Boolean functions with digital signals. Maintain input signals
as close as possible to either 0 V or VCC for optimal operation.
9.2.3 Application Curve
VCC = 5 V
Figure 12. Simulated Input-to-Output Voltage Response Showing Propagation Delay
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Recommended Operating Conditions table.
To prevent power disturbance, ensure good bypass capacitance for each VCC terminal. For devices with a single-
supply, a 0.1-
μF bypass capacitor is recommended. If multiple pins are labeled VCC, then a 0.01-μF or 0.022-μF
capacitor is recommended for each VCC because the VCC pins are tied together internally. For devices with dual
supply pins operating at different voltages, for example VCC and VDD, a 0.1-µF bypass capacitor is recommended
for each supply pin. To reject different frequencies of noise, use multiple bypass capacitors in parallel. Capacitors
with values of 0.1
μF and 1 μF are commonly used in parallel. Place the bypass capacitor as close to the power
terminal as possible for best results.
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com