Electronic Components Datasheet Search
  English  ▼

X  

SLE55R08 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SLE55R08
Description  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE55R08 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE55R08 Datasheet HTML 1Page - Infineon Technologies AG SLE55R08 Datasheet HTML 2Page - Infineon Technologies AG SLE55R08 Datasheet HTML 3Page - Infineon Technologies AG SLE55R08 Datasheet HTML 4Page - Infineon Technologies AG SLE55R08 Datasheet HTML 5Page - Infineon Technologies AG SLE55R08 Datasheet HTML 6Page - Infineon Technologies AG SLE55R08 Datasheet HTML 7Page - Infineon Technologies AG SLE55R08 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SLE 55R08
Short Product Information
4 / 8
2001-01-31
Ordering and Packaging information
Table 1
Ordering Information
Type
Package1)
Memory
Pages Ordering Code
User
Admin.
SLE 55R08C
Die
1024 bytes
256 bytes
128
on request
SLE 55R08LM
MCC2-2-1
1024 bytes
256 bytes
128
on request
Pin Description
Figure 1 Pin Configuration Module Contactless Card (top view)
SLE 55R08
LB
LA
Figure 2
Pad Configuration Die
Table 2
Pin Definitions and Functions
Symbol
Function
LA
Antenna connection
LB
Antenna connection
1) Available as a Module Contactless Card (MCC) for embedding in plastic cards or as a die (C) for customer packaging



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com