Electronic Components Datasheet Search
  English  ▼

X  

AC03FSMA Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # AC03FSMA
Description  30 A surge current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AC03FSMA Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  AC03FSMA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AC03FSMA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AC03DSMA,AC03FSMA
Figure 13. Zth CHARACTERISTIC
102
101
100
10−1
10−1
105
104
103
102
101
100
Junction to ambient
Junction to case
Cycles (50 Hz)
www.kersemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com