Electronic Components Datasheet Search
  English  ▼

X  

SLE55R08LM Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE55R08LM
Description  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE55R08LM Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE55R08LM Datasheet HTML 1Page - Infineon Technologies AG SLE55R08LM Datasheet HTML 2Page - Infineon Technologies AG SLE55R08LM Datasheet HTML 3Page - Infineon Technologies AG SLE55R08LM Datasheet HTML 4Page - Infineon Technologies AG SLE55R08LM Datasheet HTML 5Page - Infineon Technologies AG SLE55R08LM Datasheet HTML 6Page - Infineon Technologies AG SLE55R08LM Datasheet HTML 7Page - Infineon Technologies AG SLE55R08LM Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SLE 55R08
Short Product Information
3 / 8
2001-01-31
Intelligent 1280–Byte EEPROM
with Contactless Interface complying to ISO/IEC 14443 Type A
and Security Logic
Features
• 1280 bytes EEPROM
–
Organised in 128 pages located in up to 16 sectors
–
Each page organised in 8 bytes for data storage + 2 bytes for administrative purposes
–
Configurable number of sectors (1 to 15) & sector size (1 to up to 128 pages)
–
Service Area 4 pages
–
Configurable Key Area with up to 14 key pairs
–
Configurable User Area
–
Unique chip identification number
–
Access conditions unchangeable in user mode
• Value Counters: up to 65536 units (with a value range from 0 to 216-1)
–
Each page in User Area configurable as a Counter
–
Support of Anti-Tearing
• High Security Authentication Unit
–
2-way authentication with 64-bit secret key between reader and card
–
2 keys for each sector allow hierarchical key management
–
Multi-level security structure possible
–
Individual access rights for each key within a sector for each page
–
Only one sector can be opened at a time
–
Data integrity supported by 16 bit CRC (ISO 3309) and 32 bit MAC (after authentication)
• Access protection of EEPROM by transport keys on chip delivery
• Physical Interface and Anticollision complying to ISO/IEC 14443 Type A
–
Carrier frequency: 13.56 MHz
–
106 kbit/s data rate transfer
–
Bit oriented anticollision method complying with ISO/IEC 14443
–
Contactless transmission of data and supply energy
–
Coupling distance from 0 to 10 cm (typ.)
• EEPROM updating (erase and program) time maximum 4 ms per page
• EEPROM endurance minimum 10
5 write/erase cycles1)
• Data retention for minimum of 10 years
1)
• ESD protection typical 4kV
• Ambient temperature –25 …
…
…
… +85°C
1)
Values are temperature dependent



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com