Electronic Components Datasheet Search
  English  ▼

X  

SLE66C321PE Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66C321PE
Description  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C321PE Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66C321PE Datasheet HTML 1Page - Infineon Technologies AG SLE66C321PE Datasheet HTML 2Page - Infineon Technologies AG SLE66C321PE Datasheet HTML 3Page - Infineon Technologies AG SLE66C321PE Datasheet HTML 4Page - Infineon Technologies AG SLE66C321PE Datasheet HTML 5Page - Infineon Technologies AG SLE66C321PE Datasheet HTML 6Page - Infineon Technologies AG SLE66C321PE Datasheet HTML 7Page - Infineon Technologies AG SLE66C321PE Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SLE 66C321PE
Preliminary - Short Product Information
3 / 8
02.04
16-Bit Security Controller with enhanced instruction set for large
memories in 0.22µm CMOS Technology, 96-Kbyte ROM, 2304 Bytes
RAM, 32-Kbyte EEPROM
Features
• 8/16-bit microcomputer in 0.22 µm CMOS technology
• Instruction set opcode compatible with standard
SAB 8051 processor
• Downward compatibility to existing SLE 66CxxxP
products for existing masks without using the
new features
• Addressable memory up to 16 Mbyte
• Additional enhanced instructions for direct
physical memory access of >64kByte
• Typically saves up to 90 % code space and
increases execution speed up to 80 %.
• Dedicated, non-standard architecture with execution
time 6 times faster than standard SAB 8051
processor at same external clock. (Up to 18 times
faster using internal frequency PLL x 3 compared to
external clock).
• 96 Kbytes User ROM for application programs
• 32 Kbytes MicroSlim-EEPROM
• 2 Kbytes XRAM, 256 bytes internal RAM
• Enhanced Memory Management and Protection
Unit (MMU) with application and user defined
segments
• DES in software
• True Random Number Generator with Firmware test
function
• CRC Module
• 16-bit Interrupt Module
• Code executions during E²-programming for faster
personalization
• EEPROM programming voltage generated on chip
• Internal Clock with up to 33 MHz:
Programmable internal frequency (PLL x1, x2, x3, x4
and free running mode(s)).
• Adjustable frequency according to available power
or required performance
• Increased internal clock frequency for maximum
performance
• Internal frequency is automatically adjusted to
guarantee a given limited power
consumption
• Two 16-bit Autoreload Timer
• Power saving sleep mode
• Ext. Clock freq. 1 up to 7.5 MHz for int. Clock up to
33 MHz
• UART for handling serial interface in accordance
with ISO/IEC 7816 part 3 supporting transmission
protocols T=1 and T=0
• Supply voltage range:1.8 V, 3.0 V, 5.0 V
• Support of current consumption limits by GSM / UICC
applications
< 10 mA @ 5.5 V
< 6 mA @ 3.3 V
< 4 mA @ 1.98 V
• Operating Temperature range: -25 to +85°C
• Storing temperature range: –40° to +125°C
• ESD protection larger than 6 kV (HBM)
MicroSlim-EEPROM
• Erase + Write time ≤ 2.9 ms
• Enhanced ECC module controlled by OS
• Reading and programming byte by byte
• Platform prepared for flash-like erasing of E²-segments
up to 2 kB
• Flexible page mode for 1 to 64 bytes write/erase
operation
• 32 bytes security area (OTP)
• Fast personalization mode ≤ 1.0 ms
• Minimum of 500.000 write/erase cycles @ 25°C per
page. Maximum of 16.500.000 write/erase cycles per
sector
• Typical data retention of 10 years @ 25°C
New
New
New
New
New
New
New
New
New



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com