Electronic Components Datasheet Search
  English  ▼

X  

SLE66CL80P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SLE66CL80P
Description  Secure Mobile Solutions - Security
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CL80P Datasheet(HTML) 1 Page - Infineon Technologies AG

  SLE66CL80P Datasheet HTML 1Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 2Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 3Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 4Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 5Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 6Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 7Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 8Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Secure Mobile Solutions - Security
SLE 66CL80P
16-Bit High Security Dual Interface Controller
ISO/IEC 7816 and 14443 Type A & B Compliant Interfaces
For Contact and Contactless Operation
with Memory Management and Protection Unit
in 0.22 µm CMOS Technology
72-Kbyte ROM, 2-Kbyte RAM, 8-Kbyte EEPROM
112-Bit / 192-Bit DDES-EC2 Accelerator
supporting DES, 3DES and Elliptic Curve GF(2n)
Short Product Information
April 2004


Similar Part No. - SLE66CL80P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P-MCC8 INFINEON-SLE66CL81P-MCC8 Datasheet
151Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
More results

Similar Description - SLE66CL80P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
Secure Mobile Solutions - Security
2004-04-01
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
Secure Mobile Solutions
2003-08-07
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
Secure Mobile Solutions
2003-08-05
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
Intersil Corporation
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
Security Surveillance IC Solutions
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
Security Surveillance IC Solutions
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
Ultra-low-power transceiver solutions for mobile and portable applications
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
Solutions for Mobile Phone Antennas
logo
STMicroelectronics
STM32HSM-V2 STMICROELECTRONICS-STM32HSM-V2 Datasheet
162Kb / 3P
Hardware security module for secure firmware installation
Rev 1 - July 2020
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
13-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com