Electronic Components Datasheet Search
  English  ▼

X  

CGH35015 Datasheet(PDF) 9 Page - Cree, Inc

Part # CGH35015
Description  15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35015 Datasheet(HTML) 9 Page - Cree, Inc

Back Button CGH35015 Datasheet HTML 4Page - Cree, Inc CGH35015 Datasheet HTML 5Page - Cree, Inc CGH35015 Datasheet HTML 6Page - Cree, Inc CGH35015 Datasheet HTML 7Page - Cree, Inc CGH35015 Datasheet HTML 8Page - Cree, Inc CGH35015 Datasheet HTML 9Page - Cree, Inc CGH35015 Datasheet HTML 10Page - Cree, Inc CGH35015 Datasheet HTML 11Page - Cree, Inc CGH35015 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
CGH35015 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2005-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH35015
(Small Signal, V
DS = 28 V, IDQ = 100 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.909
-124.41
17.41
107.81
0.026
21.06
0.335
-93.73
600 MHz
0.902
-134.04
15.04
101.48
0.027
15.39
0.322
-101.61
700 MHz
0.898
-141.62
13.18
96.16
0.028
10.74
0.315
-107.78
800 MHz
0.894
-147.78
11.71
91.54
0.028
6.79
0.312
-112.73
900 MHz
0.892
-152.91
10.51
87.43
0.028
3.35
0.312
-116.77
1.0 GHz
0.890
-157.30
9.53
83.68
0.028
0.28
0.314
-120.15
1.1 GHz
0.889
-161.12
8.71
80.20
0.028
-2.51
0.318
-123.04
1.2 GHz
0.889
-164.51
8.01
76.95
0.028
-5.07
0.322
-125.57
1.3 GHz
0.888
-167.56
7.41
73.86
0.028
-7.45
0.328
-127.82
1.4 GHz
0.888
-170.34
6.89
70.91
0.028
-9.69
0.335
-129.87
1.5 GHz
0.888
-172.91
6.44
68.07
0.028
-11.81
0.342
-131.77
1.6 GHz
0.888
-175.30
6.04
65.32
0.028
-13.82
0.349
-133.56
1.7 GHz
0.888
-177.55
5.69
62.65
0.027
-15.74
0.357
-135.25
1.8 GHz
0.888
-179.68
5.37
60.05
0.027
-17.58
0.364
-136.89
1.9 GHz
0.888
178.29
5.09
57.50
0.027
-19.34
0.373
-138.48
2.0 GHz
0.888
176.34
4.83
55.01
0.027
-21.04
0.381
-140.03
2.1 GHz
0.889
174.45
4.60
52.56
0.026
-22.69
0.389
-141.55
2.2 GHz
0.889
172.63
4.39
50.14
0.026
-24.27
0.397
-143.06
2.3 GHz
0.889
170.84
4.20
47.76
0.026
-25.80
0.405
-144.56
2.4 GHz
0.889
169.10
4.02
45.41
0.025
-27.28
0.413
-146.04
2.5 GHz
0.890
167.39
3.86
43.09
0.025
-28.70
0.421
-147.52
2.6 GHz
0.890
165.71
3.71
40.79
0.025
-30.08
0.429
-149.00
2.7 GHz
0.891
164.04
3.57
38.51
0.024
-31.41
0.437
-150.48
2.8 GHz
0.891
162.39
3.44
36.26
0.024
-32.69
0.445
-151.95
2.9 GHz
0.891
160.76
3.32
34.01
0.024
-33.92
0.452
-153.43
3.0 GHz
0.892
159.13
3.21
31.79
0.023
-35.10
0.459
-154.92
3.2 GHz
0.892
155.89
3.00
27.38
0.023
-37.31
0.473
-157.90
3.4 GHz
0.893
152.65
2.83
23.00
0.022
-39.32
0.486
-160.90
3.6 GHz
0.893
149.39
2.67
18.66
0.021
-41.09
0.499
-163.93
3.8 GHz
0.894
146.09
2.54
14.34
0.020
-42.63
0.510
-166.99
4.0 GHz
0.894
142.74
2.41
10.02
0.020
-43.90
0.521
-170.10
4.2 GHz
0.895
139.33
2.31
5.70
0.019
-44.88
0.530
-173.24
4.4 GHz
0.895
135.84
2.21
1.37
0.018
-45.53
0.539
-176.45
4.6 GHz
0.895
132.26
2.12
-2.98
0.018
-45.84
0.547
-179.71
4.8 GHz
0.895
128.59
2.04
-7.36
0.017
-45.78
0.554
176.97
5.0 GHz
0.895
124.80
1.97
-11.79
0.016
-45.32
0.561
173.56
5.2 GHz
0.895
120.90
1.91
-16.27
0.016
-44.47
0.566
170.07
5.4 GHz
0.895
116.87
1.85
-20.81
0.016
-43.25
0.571
166.48
5.6 GHz
0.895
112.70
1.80
-25.41
0.015
-41.72
0.575
162.78
5.8 GHz
0.895
108.38
1.75
-30.10
0.015
-39.97
0.579
158.96
6.0 GHz
0.895
103.92
1.70
-34.88
0.016
-38.13
0.581
155.00
To download the s-parameters in s2p format, go to the CGH35015 Product Page and click on the documentation tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com