Electronic Components Datasheet Search
  English  ▼

X  

CGH40120F Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40120F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH40120F Datasheet HTML 5Page - Cree, Inc CGH40120F Datasheet HTML 6Page - Cree, Inc CGH40120F Datasheet HTML 7Page - Cree, Inc CGH40120F Datasheet HTML 8Page - Cree, Inc CGH40120F Datasheet HTML 9Page - Cree, Inc CGH40120F Datasheet HTML 10Page - Cree, Inc CGH40120F Datasheet HTML 11Page - Cree, Inc CGH40120F Datasheet HTML 12Page - Cree, Inc CGH40120F Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
CGH40120F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH40120F
(Small Signal, V
DS = 28 V, IDQ = 1.0 A, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.961
-177.60
4.19
80.16
0.006
13.42
0.807
-179.57
600 MHz
0.961
-178.85
3.49
77.38
0.006
15.30
0.808
-179.85
700 MHz
0.961
-179.89
2.99
74.72
0.006
17.30
0.810
179.89
800 MHz
0.961
179.22
2.61
72.16
0.007
19.36
0.811
179.66
900 MHz
0.961
178.41
2.32
69.66
0.007
21.47
0.813
179.42
1.0 GHz
0.960
177.67
2.09
67.22
0.007
23.59
0.815
179.18
1.1 GHz
0.960
176.96
1.89
64.83
0.007
25.71
0.817
178.94
1.2 GHz
0.960
176.28
1.73
62.49
0.007
27.81
0.819
178.68
1.3 GHz
0.960
175.63
1.60
60.18
0.007
29.86
0.822
178.41
1.4 GHz
0.960
174.99
1.48
57.92
0.008
31.86
0.824
178.13
1.5 GHz
0.960
174.36
1.38
55.69
0.008
33.80
0.826
177.83
1.6 GHz
0.960
173.73
1.30
53.50
0.008
35.65
0.828
177.52
1.7 GHz
0.960
173.11
1.22
51.35
0.008
37.40
0.830
177.19
1.8 GHz
0.959
172.49
1.15
49.23
0.009
39.06
0.832
176.84
1.9 GHz
0.959
171.86
1.10
47.15
0.009
40.61
0.835
176.47
2.0 GHz
0.959
171.23
1.04
45.09
0.010
42.04
0.837
176.09
2.1 GHz
0.958
170.59
0.99
43.07
0.010
43.36
0.839
175.69
2.2 GHz
0.958
169.95
0.95
41.08
0.011
44.56
0.840
175.28
2.3 GHz
0.957
169.29
0.91
39.12
0.011
45.64
0.842
174.85
2.4 GHz
0.957
168.63
0.88
37.18
0.012
46.60
0.844
174.40
2.5 GHz
0.956
167.95
0.85
35.28
0.012
47.45
0.845
173.93
2.6 GHz
0.956
167.26
0.82
33.39
0.013
48.18
0.847
173.45
2.7 GHz
0.955
166.56
0.79
31.53
0.014
48.80
0.848
172.94
2.8 GHz
0.954
165.84
0.77
29.68
0.014
49.32
0.849
172.43
2.9 GHz
0.953
165.10
0.75
27.86
0.015
49.74
0.850
171.89
3.0 GHz
0.952
164.34
0.73
26.04
0.016
50.05
0.851
171.33
3.2 GHz
0.950
162.75
0.70
22.46
0.018
50.40
0.852
170.17
3.4 GHz
0.948
161.07
0.68
18.91
0.020
50.38
0.852
168.93
3.6 GHz
0.944
159.27
0.66
15.37
0.023
50.02
0.852
167.61
3.8 GHz
0.941
157.33
0.65
11.82
0.025
49.32
0.850
166.19
4.0 GHz
0.936
155.23
0.64
8.23
0.029
48.30
0.848
164.68
4.2 GHz
0.931
152.94
0.64
4.57
0.033
46.94
0.844
163.06
4.4 GHz
0.925
150.43
0.64
0.80
0.037
45.24
0.840
161.32
4.6 GHz
0.917
147.66
0.65
-3.12
0.042
43.18
0.834
159.44
4.8 GHz
0.908
144.59
0.66
-7.23
0.048
40.72
0.826
157.41
5.0 GHz
0.896
141.14
0.68
-11.60
0.055
37.83
0.817
155.20
5.2 GHz
0.883
137.25
0.71
-16.29
0.064
34.45
0.805
152.81
5.4 GHz
0.866
132.84
0.74
-21.37
0.074
30.53
0.791
150.19
5.6 GHz
0.845
127.78
0.78
-26.94
0.086
25.97
0.774
147.33
5.8 GHz
0.820
121.95
0.83
-33.09
0.101
20.69
0.755
144.21
6.0 GHz
0.789
115.17
0.88
-39.95
0.118
14.58
0.731
140.79
To download the s-parameters in s2p format, go to the CGH40120F Product Page and click on the documentation tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com