Electronic Components Datasheet Search
  English  ▼

X  

CGH40180PP Datasheet(PDF) 1 Page - Cree, Inc

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40180PP Datasheet(HTML) 1 Page - Cree, Inc

  CGH40180PP Datasheet HTML 1Page - Cree, Inc CGH40180PP Datasheet HTML 2Page - Cree, Inc CGH40180PP Datasheet HTML 3Page - Cree, Inc CGH40180PP Datasheet HTML 4Page - Cree, Inc CGH40180PP Datasheet HTML 5Page - Cree, Inc CGH40180PP Datasheet HTML 6Page - Cree, Inc CGH40180PP Datasheet HTML 7Page - Cree, Inc CGH40180PP Datasheet HTML 8Page - Cree, Inc CGH40180PP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGH40180PP
180 W, RF Power GaN HEMT
Cree’s CGH40180PP is an unmatched, gallium nitride (GaN) high electron
mobility transistor (HEMT). The CGH40180PP, operating from a 28 volt
rail, offers a general purpose, broadband solution to a variety of RF and
microwave applications. GaN HEMTs offer high efficiency, high gain and
wide bandwidth capabilities making the CGH40180PP ideal for linear
and compressed amplifier circuits. The transistor is available in a 4-lead
flange package.
Package Types: 440199
PN: CGH40180PP
FEATURES
• Up to 2.5 GHz Operation
• 20 dB Small Signal Gain at 1.0 GHz
• 15 dB Small Signal Gain at 2.0 GHz
• 220 W typical P
SAT
• 70 % Efficiency at P
SAT
• 28 V Operation
APPLICATIONS
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for
OFDM, W-CDMA, EDGE, CDMA waveforms


Similar Part No. - CGH40180PP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40180PP WOLFSPEED-CGH40180PP Datasheet
6Mb / 14P
180 W, RF Power GaN HEMT
Rev. 3.3, 2022-11-17
More results

Similar Description - CGH40180PP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
10 W, RF Power GaN HEMT
Rev 1.4
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
45 W, RF Power GaN HEMT
Rev 1.1
CGH40006P CREE-CGH40006P Datasheet
1Mb / 14P
6 W, RF Power GaN HEMT
Rev 3.0
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.0
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev 3.0
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
CGH40120P WOLFSPEED-CGH40120P Datasheet
1Mb / 12P
120 W, RF Power GaN HEMT
Rev. 4.0, 2022-7-14
CGH40180PP WOLFSPEED-CGH40180PP Datasheet
6Mb / 14P
180 W, RF Power GaN HEMT
Rev. 3.3, 2022-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com