| Electronic Components Datasheet Search |
|
EL110C Datasheet(PDF) 1 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EL110C Datasheet(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 3 page ![]() EL100 / EL110 Series www.EtherWAN.com 1 rev. A1.2 Overview The EL100 / EL110 Series provide media conversion between 10/100BASE-T(X) and 100BASE-FX Fiber. Easy plug-and-play design facilitates network infrastructure construction. Through DIP switch selection, Link-Fault-Pass-Through (LFPT) function can be active or disabled. The EL100 / EL110 series is designed for SC or ST fiber connection applications. The commercial grade media converter supports EtherWAN EMC1600 chassis system for easy group installation. The EL100 / EL110 is the ideal media converter for enterprise environments. EtherWAN – “When Connectivity is Crucial”. Spotlight •SCandSTMediaConverter ◦ Supports multi-mode and single mode fiber line with SC and ST fiber port •DIPSwitchConfigurable ◦ Link-fault-pass-through enable or disable ◦ Full-duplex or half-duplex of Ethernet port enable or disable ◦ Full-duplex or half-duplex of fiber port enable or disable •Link-Fault-Pass-Through(LFPT) ◦ LFPT function let network operators be aware of network connection status ◦ When fiber link is down, LFPT function will turn down Ethernet port to inform connected device that the link is down and vice versa EL100/EL110Series 10/100BASE-TXto100BASE-FXMediaConverter |
Similar Part No. - EL110C |
|
Similar Description - EL110C |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |