Electronic Components Datasheet Search
  English  ▼

X  

SLE4436 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE4436
Description  Security & Chip Card ICs?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE4436 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE4436 Datasheet HTML 1Page - Infineon Technologies AG SLE4436 Datasheet HTML 2Page - Infineon Technologies AG SLE4436 Datasheet HTML 3Page - Infineon Technologies AG SLE4436 Datasheet HTML 4Page - Infineon Technologies AG SLE4436 Datasheet HTML 5Page - Infineon Technologies AG SLE4436 Datasheet HTML 6Page - Infineon Technologies AG SLE4436 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6/( (
6KRUW3URGXFW ,QIRUPDWLRQ
3 / 7

,QWHOOLJHQW ±%LW((3520 &RXQWHU
IRU!  8QLWV ZLWK 6HFXULW\ /RJLF
DQG+LJK6HFXULW\ $XWKHQWLFDWLRQ
)HDWXUHV
•  ELW ((3520 DQG ELW PDVNSURJUDPPDEOH520
104 bit user memory fully compatible with SLE 4406/06E
– 64 bit Identification Area consisting of
• 16 bit Manufacturer code (mask-programmable ROM)
• SLE 4436:
8 bit Manufacturer data, card issuer dependent (ROM)
40 bit for personalization data of card issuer (PROM)
• SLE 4436E:
48 bit for personalization data of card issuer (PROM)
– 40 bit Counter Area including 1 bit for personalization (PROM/EEPROM)
133 bit additional memory for advanced features
– 4 bit Counter Backup (anti-tearing flags)
– 1 bit initiation flag for Authentication Key 2
– 16 bit Data Area 1 for free user access
– 48 bit Authentication Key 1
– either 48 bit Data Area 2 for user defined data
or 48 bit Authentication Key 2
– 16 bit Data Area 3 for free user access
• &RXQWHU ZLWKXS WR  FRXQW XQLWV IXOO\FRPSDWLEOH ZLWK 6/( (
– Five stage abacus counter
– Due to testing purposes a maximum of 21064 count units is guaranteed
• &RXQWHU WHDULQJSURWHFWLRQ
– Backup feature activated at choice
• +LJKVHFXULW\DXWKHQWLFDWLRQ XQLW
– Random number as challenge
– Individual secret Authentication Key 1
– Optional individual secret Authentication Key 2
– Calculation of up to 16 bit response
– Calculation of a 16 bit response within 30 ms at a clock frequency of 100 kHz
• 7UDQVSRUW&RGHSURWHFWLRQ IRU GHOLYHU\
• ((3520VHFXULW\FHOOVLQ VHQVLWLYHDUHDV
• &KLSFLUFXLWU\DQGFKLSOD\RXWRSWLPLVHG IRU KLJK VHFXULW\DJDLQVWSK\VLFDODQG HOHFWULFDO
VLJQDO DQDO\VLV
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com