Electronic Components Datasheet Search
  English  ▼

X  

1215041 Datasheet(PDF) 2 Page - SICK AG

Part # 1215041
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1215041 Datasheet(HTML) 2 Page - SICK AG

  1215041 Datasheet HTML 1Page - SICK AG 1215041 Datasheet HTML 2Page - SICK AG 1215041 Datasheet HTML 3Page - SICK AG 1215041 Datasheet HTML 4Page - SICK AG 1215041 Datasheet HTML 5Page - SICK AG 1215041 Datasheet HTML 6Page - SICK AG 1215041 Datasheet HTML 7Page - SICK AG 1215041 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG10A-1190B10501 | MLG-2 Pro
MEASURING AUTOMATION LIGHT GRIDS
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Ordering information
Type
Part no.
MLG10A-1190B10501
1215041
Other models and accessories
www.sick.de/MLG-2_Pro
Detailed technical data
Features
Version
Pro
Technology
Sender/receiver
Minimum detectable object (MDO)
10 mm, 14 mm 1) 2) 3)
Beam separation
10 mm
Number of beams
≥ 120
Detection height
1,190 mm
Software features
Qa1: Number of broken beams
Qa2: height measurement (last beam)/LBB
Q1: presence detection
Q2 / IN: Teach-in
Teach: Standard mode
1) MDO min. detectable object at high measurement accuracy.
2) MDO min. detectable object for standard measurement accuracy.
3) Depending on beam separation without cross beam setting.
Performance
Maximum range
7 m 1)
Minimum range
≥ 0 mm
Working range
5 m
Response time
≥ 10.6 ms 2) 3)
1) No reserve for environmental issue and deterioration of the diode.
2) Without high speed.
3) With resistive load.
Interfaces
Connection type
Male connector M12, 8-pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com