Electronic Components Datasheet Search
  English  ▼

X  

1213537 Datasheet(PDF) 7 Page - SICK AG

Part # 1213537
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1213537 Datasheet(HTML) 7 Page - SICK AG

  1213537 Datasheet HTML 1Page - SICK AG 1213537 Datasheet HTML 2Page - SICK AG 1213537 Datasheet HTML 3Page - SICK AG 1213537 Datasheet HTML 4Page - SICK AG 1213537 Datasheet HTML 5Page - SICK AG 1213537 Datasheet HTML 6Page - SICK AG 1213537 Datasheet HTML 7Page - SICK AG 1213537 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MLG25A-0575R10501 | MLG-2 Pro
MEASURING AUTOMATION LIGHT GRIDS
2016-01-29 09:44:08 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
7
Brief description
Type
Part no.
EtherCAT IO-Link Master, IO-Link V1.1, power supply via 7/8'' cable 24 V / 8 A, fieldbus
connection via M12 cable
IOLG2EC-03208R01
(IO-Link Master)
6053254
EtherNet/IP IO-Link Master, IO-Link V1.1, power supply via 7/8'' cable 24 V / 8 A, field-
bus connection via M12-cable
IOLG2EI-03208R01
(IO-Link Master)
6053255
PROFINET IO-Link Master, IO-Link V1.1, Class A port, power supply via 7/8'' cable 24 V /
8 A, fieldbus connection via M12 cable
IOLG2PN-03208R01
(IO-Link Master)
6053253
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: special color code, PVC, shielded, 2 m
DOL-1208-G02MF
6020663
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: special color code, PVC, shielded, 5 m
DOL-1208-G05MF
6020664
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: special color code, PVC, shielded, 10 m
DOL-1208-G10MF
6048434
Head A: female connector, M12, 5-pin, straight, A-coded
Head B: male connector, M12, 5-pin, straight, A-coded
Cable: digital I/Os, drag chain use, PUR, halogen-free, unshielded, 5 m
DSL-1205-G05MC
6029282
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, drag chain use, PUR, shielded, 2 m
SSL-2J04-G02ME
6034414



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com