Electronic Components Datasheet Search
  English  ▼

X  

SMBT3906 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SMBT3906
Description  PNP Silicon Switching Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3906 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SMBT3906 Datasheet HTML 1Page - Infineon Technologies AG SMBT3906 Datasheet HTML 2Page - Infineon Technologies AG SMBT3906 Datasheet HTML 3Page - Infineon Technologies AG SMBT3906 Datasheet HTML 4Page - Infineon Technologies AG SMBT3906 Datasheet HTML 5Page - Infineon Technologies AG SMBT3906 Datasheet HTML 6Page - Infineon Technologies AG SMBT3906 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Jul-28-2003
3
SMBT3906/ MMBT3906
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 20 V, f = 100 MHz
fT
250
-
-
MHz
Collector-base capacitance
VCB = 5 V, f = 1 MHz
Ccb
-
-
4.5
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
-
10
Short-circuit input impedance
IC = 1 mA, VCE = 10 V, f = 1 kHz
h11e
2
-
12
k
Ω
Open-circuit reverse voltage transf. ratio
IC = 1 mA, VCE = 10 V, f = 1 kHz
h12e
0.1
-
10
10-4
Short-circuit forward current transf. ratio
IC = 1 mA, VCE = 10 V, f = 1 kHz
h21e
100
-
400
-
Open-circuit output admittance
IC = 1 mA, VCE = 10 V, f = 1 kHz
h22e
3
-
60
µS
Delay time
VCC = 3 V, IC = 10 mA, IB1 = 1 mA,
VBE(off) = 0.5 V
td
-
-
35
ns
Rise time
VCC = 3 V, IC = 10 mA, IB1 = 1 mA,
VBE(off) = 0.5 V
tr
-
-
35
Storage time
VCC = 3 V, IC = 10 mA, IB1 = IB2 = 1mA
tstg
-
-
225
Fall time
VCC = 3 V, IC = 10 mA, IB1 = IB2 = 1mA
tf
-
-
75
Noise figure
IC = 100 µA, VCE = 5 V, f = 1 kHz,
∆ f = 200 Hz, RS = 1 kΩ
F
-
-
4
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com