Electronic Components Datasheet Search
  English  ▼

X  

SMBTA06 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SMBTA06
Description  NPN Silicon AF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA06 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SMBTA06 Datasheet HTML 1Page - Infineon Technologies AG SMBTA06 Datasheet HTML 2Page - Infineon Technologies AG SMBTA06 Datasheet HTML 3Page - Infineon Technologies AG SMBTA06 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBTA06/ MMBTA06
Feb-20-2002
1
NPN Silicon AF Transistor
 High breakdown voltage
 Low collector-emitter saturation voltage
 Complementary type: SMBTA56 (PNP)
MMBTA56 (PNP)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
SMBTA06/ MMBTA06
s1G
1=B
2=E
3=C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
80
V
Collector-base voltage
VCBO
80
Emitter-base voltage
VEBO
4
DC collector current
IC
500
mA
Peak collector current
ICM
1
A
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation
, TS = 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - SMBTA06

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA06 SIEMENS-SMBTA06 Datasheet
144Kb / 4P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06 Datasheet
77Kb / 7P
NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA06 INFINEON-SMBTA06 Datasheet
535Kb / 7P
NPN Silicon AF Transistor
2011-12-19
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
NPN Silicon AF Transistor
logo
Infineon Technologies A...
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
NPN Silicon AF Transistor Array
Nov-30-2001
More results

Similar Description - SMBTA06

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
NPN Silicon AF Transistor
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
NPN Silicon AF Transistor
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
NPN Silicon AF Transistor
Nov-29-2001
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
NPN Silicon AF Transistor
2008-10-20
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
NPN Silicon AF Transistor
2008-10-10
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
NPN Silicon AF Transistor
2008-04-11
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
NPN Silicon AF Transistor
2011-08-30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com