Electronic Components Datasheet Search
  English  ▼

X  

SMBTA64 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SMBTA64
Description  PNP Silicon Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA64 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SMBTA64 Datasheet HTML 1Page - Infineon Technologies AG SMBTA64 Datasheet HTML 2Page - Infineon Technologies AG SMBTA64 Datasheet HTML 3Page - Infineon Technologies AG SMBTA64 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBTA63, SMBTA64
2
Nov-30-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 µA, VBE = 0
V(BR)CES
30
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
30
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
10
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
10
µA
Emitter cutoff current
VEB = 10 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 10 mA, VCE = 5 V
IC = 100 mA, VCE = 5 V
SMBTA63
SMBTA64
SMBTA63
SMBTA64
hFE
5000
10000
10000
20000
-
-
-
-
-
-
-
-
-
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VCEsat
-
-
1.5
V
Base-emitter saturation voltage 1)
IC = 100 mA, IB = 0.1 mA
VBEsat
-
-
2
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
125
-
-
MHz
1) Pulse test: t
≤ 300µs, D = 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com