Electronic Components Datasheet Search
  English  ▼

X  

SMLP34 Datasheet(PDF) 2 Page - Rohm

Part # SMLP34
Description  The smallest class 3 color type LED in the world PICOLEDTM-RGB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP34 Datasheet(HTML) 2 Page - Rohm

  SMLP34 Datasheet HTML 1Page - Rohm SMLP34 Datasheet HTML 2Page - Rohm SMLP34 Datasheet HTML 3Page - Rohm SMLP34 Datasheet HTML 4Page - Rohm SMLP34 Datasheet HTML 5Page - Rohm SMLP34 Datasheet HTML 6Page - Rohm SMLP34 Datasheet HTML 7Page - Rohm SMLP34 Datasheet HTML 8Page - Rohm SMLP34 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SMLP34 Series
lElectrical Characteristics Curves
 
2.7
2.8
2.9
3.0
3.1
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
1.7
1.8
1.9
2.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
1
10
100
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
SMLP34RGB2W (R)
SMLP34RGB2W (G)
SMLP34RGB2W (B)
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : V
F [V]
Ta=25ºC
Fig.2-1 Forward Voltage -
Atmosphere Temperature (R)
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.2-2 Forward Voltages -
Atmosphere Temperature (G, B)
ATMOSPHERE TEMPERATURE : Ta [ºC]
SMLP34RGB2W(R)
SMLP34RGB2W(G)
SMLP34RGB2W(B)
I
F=5mA
I
F=5mA
* Please take this data as a reference data
for the samples are measured randomly.
* Please take this data as a reference data
for the samples are measured randomly.
2/8
2014.11 - Rev.I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com