Electronic Components Datasheet Search
  English  ▼

X  

SRCOOL12K Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SRCOOL12K
Description  Portable Air Conditioning Unit for IT Equipment in Server Rooms and Wiring Closets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOL12K Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SRCOOL12K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOL12K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRCOOL12K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Form factors supported
Tower
ENVIRONMENTAL
Cooling Capacity
12,000 BTU / 3.5 kW
SPECIAL FEATURES
Dehumidifier
2.5lbs / hour
Compressor Type
Rotary
Refrigerant
R410a (Environmentally friendly, Non ozone depleting)
Refrigerant Amount
22 oz.
Air Flow
Evaporator = 329 CFM / Condenser = 311 CFM
Amp Draw Nominal
10.5A
Sound Level (Noise)
57dB
Air Supply Tube Length
71 inches
Air Exhaust Tube Length
118 inches
Air Exhaust Tube Diameter
5.16 inches
CERTIFICATIONS
Certifications
Tested to UL484; CSA, RoHS
WARRANTY
Product Warranty Period
(Worldwide)
1-year limited warranty
Optional Coverage
Extended Warranty options available (WEXT3-SRCOOL12K = 2-year extension, WEXT5-SRCOOL12K =
4-year extension)
Related Items
Optional Products
Related Model
Description
Qty.
WEXT3-SRCOOL12K
3-Year Extended Warranty (2-Year Extension) for SRCOOL12K
1
WEXT5-SRCOOL12K
5-Year Extended Warranty (4-Year Extension) for SRCOOL12K
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at
www.tripplite.com/en/products/model.cfm?txtModelID=4462.
Copyright © 2013 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous
improvement. Specifications are subject to change without notice. Photos may differ slightly from final products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com