Electronic Components Datasheet Search
  English  ▼

X  

SP12T Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SP12T
Description  TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP12T Datasheet(HTML) 1 Page - Infineon Technologies AG

  SP12T Datasheet HTML 1Page - Infineon Technologies AG SP12T Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P R O D U C T B R I E F
T YRE PRESSURE SENSOR
FOR HEAVY VEHICLES
SP12T is a piezoresistive pressure sensor designed for tyre pressure measurement in heavy vehicle applications.The design is based on
proven high-volume, low cost production processes developed for products to be used in automotive applications.
The sensor design is based upon SensoNor’s proprietary and patented solutions aimed at high reliabilty measurements in harsh
environments, still with a predictable and stable quality in high volume applications
The SP12T measures pressure, temperature and supply voltage, and by integrating these functions with an ASIC in one package, SensoNor
has developed the ideal product for tyre pressure monitoring applications, offering the system designer the flexibility to determine
sequences and functionality.
F u t u r e Te c h n o l o g y To d a y .
AnInfineonTechnologiesCompany
sˆ”™•n•˜
Pressure sensor:
Range:
Temperature sensor:
Range:
Supply Voltage sensor:
Range:
50 to 1400kPa
-40 to +125°C
1.8 to 3.6V
S P 1 2 T


Similar Part No. - SP12T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP12T-T7 ETC2-SP12T-T7 Datasheet
1Mb / 2P
TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
More results

Similar Description - SP12T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP12 INFINEON-SP12 Datasheet
1Mb / 2P
TYRE PRESSURE SENSOR WITH ACCELEROMETER
2003
logo
CSB Battery Co., Ltd.
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
designed specially for electric vehicles
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
Heavy Duty Pressure Meter
logo
List of Unclassifed Man...
SP12T-T7 ETC2-SP12T-T7 Datasheet
1Mb / 2P
TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
logo
CSB Battery Co., Ltd.
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
Designed specially for electric vehicles
logo
ETAL Group
446-K ETAL-446-K Datasheet
174Kb / 2P
Heavy duty vehicles, battery systems, process control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com