Electronic Components Datasheet Search
  English  ▼

X  

SPD07N20 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPD07N20
Description  SIPMOS Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD07N20 Datasheet(HTML) 7 Page - Infineon Technologies AG

  SPD07N20 Datasheet HTML 1Page - Infineon Technologies AG SPD07N20 Datasheet HTML 2Page - Infineon Technologies AG SPD07N20 Datasheet HTML 3Page - Infineon Technologies AG SPD07N20 Datasheet HTML 4Page - Infineon Technologies AG SPD07N20 Datasheet HTML 5Page - Infineon Technologies AG SPD07N20 Datasheet HTML 6Page - Infineon Technologies AG SPD07N20 Datasheet HTML 7Page - Infineon Technologies AG SPD07N20 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SPD 07N20
Data Sheet
7
05.99
Drain-source on-resistance
RDS(on) = f (Tj)
parameter :
ID = 4.5 A, VGS = 10 V
-60
-20
20
60
100
140
˚C
200
Tj
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ω
1.8
SPD07N20
typ
98%
Gate threshold voltage
VGS(th) = f (Tj)
parameter :
VGS = VDS, ID = 1 mA
-60
-20
20
60
100
˚C
160
Tj
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
5.0
min
typ
max
Typ. capacitances
C =
f (VDS)
parameter:
VGS = 0 V, f = 1 MHz
0
5
10
15
20
25
30
V
40
VDS
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD)
parameter:
Tj , tp = 80 µs
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
-1
10
0
10
1
10
2
10
A
SPD07N20
T
j = 25 ˚C typ
T
j = 25 ˚C (98%)
T
j = 150 ˚C typ
T
j = 150 ˚C (98%)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com