Electronic Components Datasheet Search
  English  ▼

X  

SPU07N60C2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SPU07N60C2
Description  Cool MOS??Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N60C2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SPU07N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 9Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 10Page - Infineon Technologies AG SPU07N60C2 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2002-10-07
Page 8
SPD07N60C2
SPU07N60C2
Final data
13 Avalanche SOA
IAR = f (tAR)
par.: Tj ≤ 150 °C
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
4
µs
tAR
0
1
2
3
4
5
6
A
8
Tj(START)=125°C
Tj(START)=25°C
14 Avalanche energy
EAS = f (Tj)
par.: ID = 5.5 A, VDD = 50 V
20
40
60
80
100
120
°C
160
Tj
0
20
40
60
80
100
120
140
160
180
200
220
mJ
260
15 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
540
560
580
600
620
640
660
680
V
720
SPD07N60C2
16 Avalanche power losses
PAR = f (f )
parameter: EAR=0.5mJ
10
4
10
5
10
6
Hz
f
0
50
100
150
200
W
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com