Electronic Components Datasheet Search
  English  ▼

X  

SPU07N60C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPU07N60C3
Description  Cool MOS Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPU07N60C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPU07N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPU07N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2003-09-16
Page 1
SPD07N60C3
SPU07N60C3
Final data
Cool MOS™ Power Transistor
VDS @ Tjmax
650
V
RDS(on)
0.6
Ω
ID
7.3
A
Feature
• New revolutionary high voltage technology
• Worldwide best RDS(on) in TO-251 and TO-252
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• High peak current capability
• Improved transconductance
P-TO252-3-1
P-TO251-3-1
Type
Package
Ordering Code
SPD07N60C3
P-TO252-3-1
Q67040-S4423
SPU07N60C3
P-TO251-3-1
-
Marking
07N60C3
07N60C3
Maximum Ratings
Parameter
Symbol
Value
Unit
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
7.3
4.6
A
Pulsed drain current, tp limited by Tjmax
ID puls
21.9
Avalanche energy, single pulse
ID = 5.5 A, VDD = 50 V
EAS
230
mJ
Avalanche energy, repetitive tAR limited by Tjmax1)
ID = 7.3 A, VDD = 50 V
EAR
0.5
Avalanche current, repetitive tAR limited by Tjmax IAR
7.3
A
Reverse diode dv/dt
IS=7.3A, VDS=480V, Tj=125°C
dv/dt
6
V/ns
Gate source voltage static
VGS
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
Power dissipation, TC = 25°C
Ptot
83
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C


Similar Part No. - SPU07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPU07N60C3 INFINEON-SPU07N60C3 Datasheet
980Kb / 13P
Cool MOS Power Transistor
2008-04-10 revision:2.5
SPU07N60C3 INFINEON-SPU07N60C3 Datasheet
953Kb / 13P
Cool MOS Power Transistor
2013-07-31 revision:2.7
logo
Inchange Semiconductor ...
SPU07N60C3 ISC-SPU07N60C3 Datasheet
247Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SPU07N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
Cool MOS??Power Transistor
2003-07-02
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPP11N60C3 INFINEON-SPP11N60C3_05 Datasheet
662Kb / 15P
Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com