Electronic Components Datasheet Search
  English  ▼

X  

SPD08P06P Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPD08P06P
Description  SIPMOS Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD08P06P Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPD08P06P Datasheet HTML 1Page - Infineon Technologies AG SPD08P06P Datasheet HTML 2Page - Infineon Technologies AG SPD08P06P Datasheet HTML 3Page - Infineon Technologies AG SPD08P06P Datasheet HTML 4Page - Infineon Technologies AG SPD08P06P Datasheet HTML 5Page - Infineon Technologies AG SPD08P06P Datasheet HTML 6Page - Infineon Technologies AG SPD08P06P Datasheet HTML 7Page - Infineon Technologies AG SPD08P06P Datasheet HTML 8Page - Infineon Technologies AG SPD08P06P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1999-11-22
Page 4
SPD08P06P
SPU08P06P
Preliminary data
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Unit
Values
Symbol
Parameter
min.
typ.
max.
Dynamic Characteristics
Gate to source charge
VDD = -48 , ID = -8.8 A
-
Qgs
nC
2.1
1.4
Gate to drain charge
VDD = -48 V, ID = -8.8 A
Qgd
4
6
-
15
-
Qg
Gate charge total
VDD = -48 V, ID = -8.8 A, VGS = 0 to -10 V
10
Gate plateau voltage
VDD = -48 , ID = -8.8 A
V(plateau)
-
-3.85
-
V
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
-8.8
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
-35.2
Inverse diode forward voltage
VGS = 0 V, IF = -8.8 A
VSD
-
-1.17
-1.55
V
Reverse recovery time
VR = -30 V, IF=IS , diF/dt = 100 A/µs
trr
-
60
90
ns
Reverse recovery charge
VR = -30 V, IF=lS , diF/dt = 100 A/µs
Qrr
-
100
150
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com