Electronic Components Datasheet Search
  English  ▼

X  

TPIC2030 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2030
Description  Serial I/F Controlled 7-Channel Motor-Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2030 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPIC2030 Datasheet HTML 17Page - Texas Instruments TPIC2030 Datasheet HTML 18Page - Texas Instruments TPIC2030 Datasheet HTML 19Page - Texas Instruments TPIC2030 Datasheet HTML 20Page - Texas Instruments TPIC2030 Datasheet HTML 21Page - Texas Instruments TPIC2030 Datasheet HTML 22Page - Texas Instruments TPIC2030 Datasheet HTML 23Page - Texas Instruments TPIC2030 Datasheet HTML 24Page - Texas Instruments TPIC2030 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
5.0 V
3.9 V
2.8 V
2.2 V
0 V
P5V>3.9 V && CV3P3>2.8 V
20 ms
CV3P3
P5V Supply
XRESET
time
5.0 V
3.9 V
2.8 V
2.2 V
0 V
P5V>3.9V && CV3P3>2.8V
1.6 ms 0.8 ms
20 ms
90% (REGOUT)
REGOUT
CV3P3
P5V Supply
Less than 10 ms
XRESET
time
TPIC2030
www.ti.com
SLIS171 – DECEMBER 2015
8.4 Device Functional Modes
8.4.1 Power-On Reset (POR)
8.4.1.1 Power-Up Sequences
In TPIC2030, the normal sequence is to wait for 5-V supply to come up to 2.2 V. After 5 V establish, the internal
3.3 V will start and wait until stabilize. Now the voltage monitors start to work and begin to look for the DC-DC
converter output. DC-DC converters stabilize the power up sequence finishes and the part starts to function.
Once the part finishes all of its power up tasks, it takes XRESET high to indicate that the part is no longer in
reset and ready to communicate to the outside world. All the DC-DC converter have soft-start features to avoid
rush current and voltage over shoot. Each soft-start sequence takes about 0.8 ms.
Figure 13. POR (Enable DCDC)
Figure 14. POR (Disable DCDC)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPIC2030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com