Electronic Components Datasheet Search
  English  ▼

X  

GS6080 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS6080
Description  Input signal trace equalization
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6080 Datasheet(HTML) 1 Page - Semtech Corporation

  GS6080 Datasheet HTML 1Page - Semtech Corporation GS6080 Datasheet HTML 2Page - Semtech Corporation GS6080 Datasheet HTML 3Page - Semtech Corporation GS6080 Datasheet HTML 4Page - Semtech Corporation GS6080 Datasheet HTML 5Page - Semtech Corporation GS6080 Datasheet HTML 6Page - Semtech Corporation GS6080 Datasheet HTML 7Page - Semtech Corporation GS6080 Datasheet HTML 8Page - Semtech Corporation GS6080 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Gennum Products
GS6080
1 of 19
GS6080
Final Data Sheet
Rev.6
PDS-060045
September 2014
www.semtech.com
Features
•
SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
compliant
•
Supports DVB-ASI at 270Mb/s
•
Supports data rates from 270Mb/s to 6.25Gb/s
•
Wide common-mode range input buffer
100mV sensitivity
supports DC-coupling to industry-standard
differential logic
on-chip 100
Ω differential data input termination
•
Input signal trace equalization
•
Differential coaxial-cable-driving output
selectable slew rates
adjustable output swing from 500mVpp to
1040mVpp
Disable control
•
Robust signal presence function
•
Excellent output eye quality
•
Power supply operation at +3.3V or +2.5V
•
135mW power consumption (+2.5V supply)
•
Operating temperature range: -40°C to +85°C
•
Small footprint QFN package (4mm x 4mm)
Drop-in compatible to the GS2978 and GS2988
•
Pb-free and RoHS compliant
Applications
•
6G UHD-SDI, SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259 coaxial cable serial digital interfaces
•
Serialized 8b/10b encoded video streams up to
6.25Gb/s
Description
The GS6080 is a high-speed BiCMOS integrated circuit
designed to drive one or two 75
Ω coaxial cables.
The GS6080 may drive data rates up to 6.25Gb/s and
provides two selectable slew rates in order to achieve
compliance to SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259.
The GS6080 accepts industry-standard differential input
levels including LVPECL and CML.
Input trace equalization compensates for up to 10 inches of
FR4 trace loss while in HD, 3G, and UHD modes. This feature
is enabled and disabled using the EQ_EN pin.
The DISABLE pin powers-down the entire device.
The GS6080 features adjustable output swing using an
external bias resistor. The single-ended output swing is
adjustable from 500mVpp to 1040mVpp.
An output signal presence function, the SP pin, indicates
whether an active signal is present at the output of the
GS6080.
The GS6080 can be powered from either a +3.3V or a +2.5V
supply. Power consumption is typically 135mW using a
+2.5V power supply.
The GS6080 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.


Similar Part No. - GS6080

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INE3 SEMTECH-GS6081-INE3 Datasheet
767Kb / 19P
high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GS6081-INTE3 SEMTECH-GS6081-INTE3 Datasheet
767Kb / 19P
high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
More results

Similar Description - GS6080

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6081 SEMTECH-GS6081 Datasheet
767Kb / 19P
high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables
July 2014
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3190 SEMTECH-GX3190 Datasheet
1Mb / 47P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3202 SEMTECH-GX3202 Datasheet
3Mb / 49P
Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
SICK AG
IRS080-X11XXXX SICK-IRS080-X11XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
IRS080-X53XXXX SICK-IRS080-X53XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
IRS100-X53XXXX SICK-IRS100-X53XXXX Datasheet
382Kb / 6P
TRACK AND TRACE SYSTEMS
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
Trace Hydrogen Sensor
logo
List of Unclassifed Man...
E3500 ETC1-E3500 Datasheet
604Kb / 2P
EXPLOSIVES TRACE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com