Electronic Components Datasheet Search
  English  ▼

X  

LS-320-BVG Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # LS-320-BVG
Description  Industrial LCD Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

LS-320-BVG Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  LS-320-BVG Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32" Industrial LCD Monitor
Features
■
Flexible, low cost and high performance
■
For kiosk, gaming, amusement, digital signage application
■
32" 16:9 FHD TFT LCD display
■
Previum MVA with wide-view angle
■
For both landscape and portrait installation
Specifications
Size
32" (16:9)
Signal input
15 pin D-sub connector for VGA
Backlight
LED (30K hours)
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
Premium MVA
AC input
100~240Vac, 1A
Pixel pitch
0.36375 mm
Inrush current
30A (cold start)
Active area
698.4x392.85 mm
Consumption
60W
Brightness*
350 cd/m2
Management
VESA DPMS
Contrast
3000 : 1
Mounting
200x200mm VESA mount
Viewing angle
178 / 178 degree
Dimension
767 (W) x 457 (H) x 107.9 (D) mm
Resolution
1920 x 1080
Net weight
Display color
16.7M (8 bit)
Packing
1 pcs / carton
Response time
10 mS (gray-gray)
Carton size
Hor. frequency
30 ~ 86 KHz
Container loading
Ver. frequency
60 / 70 Hz
Operation
0 ~ 50 degree C
Pixel rate
165 MHz
Storage
-30 ~ 70 degree C
* Higher brightness is on demand.
Ordering information
■
Model selection
X:
Panel selection
Y:
Input selection
Z:
Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G:
Glass
B:
Specified LCD
H:
VGA/DVI/HDMI
I :
IR
…etc. Specified LCD
P:
DVI/HDMI/DP
S:
SAW
S:
VGA/DVI/S-video
P:
Projective capacitive
■
Optional accessories
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable
Product drawing
* All specification and photos are subject to change without notice.
LS-320-XYZ
LS-320
LCD panel
Power
Package
Video
Temperature


Similar Part No. - LS-320-BVG

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LS-3229 PERKINELMER-LS-3229 Datasheet
49Kb / 6P
Thyratrons
More results

Similar Description - LS-320-BVG

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
12.1 Industrial LCD Monitor
ES-3115 ADVANTECH-ES-3115 Datasheet
277Kb / 2P
15 Industrial LCD Monitor
logo
Axiomtek Co., Ltd.
LD-270 AXIOMTEK-LD-270 Datasheet
117Kb / 1P
27 Industrial Open Frame LCD Monitor
LD-550 AXIOMTEK-LD-550 Datasheet
116Kb / 1P
55 Industrial Open Frame LCD Monitor
LD-104 AXIOMTEK-LD-104 Datasheet
126Kb / 1P
10.4 Industrial Open Frame LCD Monitor
LD-101 AXIOMTEK-LD-101 Datasheet
131Kb / 1P
Industrial Open Frame LCD Monitor
LS-270 AXIOMTEK-LS-270 Datasheet
67Kb / 1P
Industrial LCD Monitor
LS-420 AXIOMTEK-LS-420 Datasheet
115Kb / 1P
Industrial LCD Monitor
LS-460 AXIOMTEK-LS-460 Datasheet
103Kb / 1P
Narrow Band Industrial LCD Monitor
LS-550 AXIOMTEK-LS-550 Datasheet
123Kb / 1P
Narrow Band Industrial LCD Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com