Electronic Components Datasheet Search
  English  ▼

X  

SC728 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC728
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC728 Datasheet(HTML) 5 Page - Semtech Corporation

  SC728 Datasheet HTML 1Page - Semtech Corporation SC728 Datasheet HTML 2Page - Semtech Corporation SC728 Datasheet HTML 3Page - Semtech Corporation SC728 Datasheet HTML 4Page - Semtech Corporation SC728 Datasheet HTML 5Page - Semtech Corporation SC728 Datasheet HTML 6Page - Semtech Corporation SC728 Datasheet HTML 7Page - Semtech Corporation SC728 Datasheet HTML 8Page - Semtech Corporation SC728 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SC728/SC729
5
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Turn-on Delay Time
T
DT
V
VIN =1.8V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
11
µs
V
VIN =3.6V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
2.8
µs
Rising Time
T
RT
V
VIN =1.8V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
8.5
µs
V
VIN =3.6V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
3
µs
SC729
Shutdown Current
I
SD
V
EN =0V, VOUT = open
8
µA
V
EN =0V, VOUT = open, TA = 25°C
°C
0.6
µA
Turn-on Delay Time
T
DT
V
VIN =1.8V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
240
µs
V
VIN =3.6V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
110
µs
Rising Time
T
RT
V
VIN =1.8V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
250
µs
V
VIN =3.6V, IOUT = 200mA, V
V
EN =1.5V, COUT=1µF
140
µs
Output Pull-Down Resistance
R
PD
V
VIN =1.8V
250
Ω
Electrical Characteristics (continued)
Notes:
(1) I
Q current includes EN pull-down current.
Turn-on
Delay
Rising
Time
Turn-off
Delay
90%
10%
VEN
VOUT
Falling
Time
(Turn on time)=(Turn-on Delay)+(Rising Time)
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com