Electronic Components Datasheet Search
  English  ▼

X  

SC729EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC729EVB
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC729EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC729EVB Datasheet HTML 3Page - Semtech Corporation SC729EVB Datasheet HTML 4Page - Semtech Corporation SC729EVB Datasheet HTML 5Page - Semtech Corporation SC729EVB Datasheet HTML 6Page - Semtech Corporation SC729EVB Datasheet HTML 7Page - Semtech Corporation SC729EVB Datasheet HTML 8Page - Semtech Corporation SC729EVB Datasheet HTML 9Page - Semtech Corporation SC729EVB Datasheet HTML 10Page - Semtech Corporation SC729EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SC728/SC729
7
Typical Characteristics (SC728), Cont.
1.8V
2.5V
3.6V
1.5V
1.2V
RON@200mA
Temperature (°C)
On Resistance vs. Temperature
Quiescent Current vs. Temperature
Iout=200mA
RON@2A
1.8V
3.6V
1.2V
Temperature (°C)
On Resistance vs. Temperature
Iout=2A
Quiescent Current
3.6V
1.8V
1.1V
Temperature (°C)
Turn-on Delay Time vs. Temperature
Turn-on delay time
3.6V
1.8V
1.1V
Temperature (°C)
Shut Down Current vs. Temperature
Shutdown Current
3.6V
1.8V
1.1V
Temperature (°C)
EN Input Pull-Down Resistance vs. Temperature
EN_R@1.8Vin
Temperature (°C)
Vin=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com