Electronic Components Datasheet Search
  English  ▼

X  

SC729 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC729
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC729 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC729 Datasheet HTML 7Page - Semtech Corporation SC729 Datasheet HTML 8Page - Semtech Corporation SC729 Datasheet HTML 9Page - Semtech Corporation SC729 Datasheet HTML 10Page - Semtech Corporation SC729 Datasheet HTML 11Page - Semtech Corporation SC729 Datasheet HTML 12Page - Semtech Corporation SC729 Datasheet HTML 13Page - Semtech Corporation SC729 Datasheet HTML 14Page - Semtech Corporation SC729 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SC728/SC729
11
Output Capacitor
A 1µF ceramic capacitor is normally used at the VOUT pin
to suppress output noise and provide smooth voltage to
the load. If a larger output capacitance value is used, the
input inrush current should be considered because the
power-on transient is also dependent on the output
capacitor value. Note that SC729 has longer Turn-on Delay
Time and Rising Time than SC728. If a larger output
capacitor is used, SC729 could significantly improve input
inrush current during power-on process.
Board Layout Considerations
Fig. 1 shows a typical application circuit with PCB induc-
tance on the circuit board. An important objective of the
layout is to minimize the PCB inductance by reducing the
length and increasing the width of the traces. The input
capacitor C1 and output capacitor C2 need to be placed
close to the SC728/SC729. To analyze the stray inductance,
Fig. 1 shows three current loops during the opening or
closing of the load switch. The magnitude of the voltage
ringing at VIN or VOUT pin is related to the PCB stray
inductance and the placement of the capacitors. It is
important to keep the voltage ringing below the maximum
voltage rating of the SC728/SC729.
Application Information
Operation
The SC728/SC729 is an integrated high-side PMOS load
switch that is designed to support up to 2A continuous
output current and operate from an input voltage from
1.1V to 3.6V. The internal PMOS pass element has a very
low ON resistance of 36mΩ (typical) at V
IN = 1.8V. The
SC728/SC729 also provides ultra-low shutdown and qui-
escent current for extended battery life during applica-
tion off and standby states.
SC729 provides longer Turn-on Delay Time and Rising
Time, which can help reduce inrush current and voltage
drop on the input supply rail during power on.
SC728 provides shorter Turn-on Delay and Rising Time for
applications where immediate response is required.
Output Voltage Pull-down
The SC729 also includes an automatic output discharge
function. It employs a 250Ω (typical) discharge path to
ground when the EN pin is disabled.
Enable
The EN pin controls the ON/OFF states of the load switch.
Pulling the EN pin HIGH turns on the load switch. Pulling
the EN pin LOW turns off the load switch. The EN pin
incorporates a 5.5MΩ (typical) pull-down resistor, so that
when the EN pin is floating the SC728/SC279 is disabled.
Input Capacitor
In order to reduce the effects of voltage drop, noise, and
bounce at the VIN pin, a filter/decoupling capacitor
between VIN to GND is recommended. A 1µF ceramic
capacitor is sufficient for most application conditions.
However, it should be noted that suppressing bounce at
input loop after EN is changed from HIGH to LOW can
require greater capacitor values depending on particular
designs. During certain shutdown conditions, as in the
case when input power supply is abruptly removed, the
input voltage may tend to drop faster than the output
voltage. In this event a reverse current, through the body
diode of internal PMOS FET, from VOUT to VIN can occur.
To limit this reverse current, the Cin value should be
selected greater than the Cout value.
C1
C2
LPCB
VIN
VOUT
LPCB
GND
LPCB
LPCB
ISW
1uF
IOUT
RL
1uF
LPCB
IIN
+
-
SC728/SC729
Figure 1 - PCB Circuit with Equivalent Parasitic
Inductance
Evaluation Board Information
The Top Layer and Bottom Layer of a standard evaluation
board are shown in Fig. 2 and Fig. 3, respectively.
Both T1 and T2 test points are Kelvin connections which
can be used to minimize the measurement error of R
ON.
To enable the part, a jumper can be used between VIN
and EN on J1. To disable the part, a jumper can be con-
nected between EN and GND on J1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com