Electronic Components Datasheet Search
  English  ▼

X  

PCQA21 Datasheet(PDF) 6 Page - ASM GmbH

Part # PCQA21
Description  Quad Profile Housing with Analog Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCQA21 Datasheet(HTML) 6 Page - ASM GmbH

  PCQA21 Datasheet HTML 1Page - ASM GmbH PCQA21 Datasheet HTML 2Page - ASM GmbH PCQA21 Datasheet HTML 3Page - ASM GmbH PCQA21 Datasheet HTML 4Page - ASM GmbH PCQA21 Datasheet HTML 5Page - ASM GmbH PCQA21 Datasheet HTML 6Page - ASM GmbH PCQA21 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
56
CAT-PC-E-04
ASM GmbH
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
POSICHRON
®
Output Specification Pulse Interface
Pulse interface
STSP
(start/stop)
Excitation voltage
+18 ... +27 V DC, residual ripple 10 mVss
Excitation current
150 mA max.
Stability (temperature)
±50 x 10
-6 / °C full scale
Wave velocity
2850 ...2950 m/s
Level INIT and START/STOP
RS 485 / RS 422
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC, interference resistance
EN61326: 1998, Table A1
EMC, emitted interference
EN55011 Group 1 Class A
Signal Diagram
Sensor circuit
Subsequent circuit
The subsequent circuit generates a signal on the INIT line. The position sensor answers
with a START and a STOP signal.
Position value
x = t(x)
· vs
The position value will
be calculated by multi-
plication of the time
interval t(x) with the
conversion factor
specified on the type
label.
Signal wiring /
connection
Pulse interface
Connector pin no.
Cable colour
Excitation +
1
white
Excitation GND
2
brown
INIT +
3
green
INIT –
4
yellow
STSP +
5
grey
STSP –
6
pink
Shield
Contact via connector housing
black
View to sensor
connector
Mating connector
Cable
WS-CONN-D8
CONN-M12-8P-X



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com