Electronic Components Datasheet Search
  English  ▼

X  

PCST25 Datasheet(PDF) 2 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 2 Page - ASM GmbH

  PCST25 Datasheet HTML 1Page - ASM GmbH PCST25 Datasheet HTML 2Page - ASM GmbH PCST25 Datasheet HTML 3Page - ASM GmbH PCST25 Datasheet HTML 4Page - ASM GmbH PCST25 Datasheet HTML 5Page - ASM GmbH PCST25 Datasheet HTML 6Page - ASM GmbH PCST25 Datasheet HTML 7Page - ASM GmbH PCST25 Datasheet HTML 8Page - ASM GmbH PCST25 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PCST25
PCSTMAG...
Ordercodepositionmagnet(see page 7-11)
POSICHRON®
PCST25
Rod-Style Design with Analog Output
Orderexample:PCST25-M18-1000-U2-P1A-VZ1.0-L10-KAB2M
Rod-Style Design, measurement range 1000 mm, 2 voltage outputs 0.5 ... 10 V (U2)
Output 1: Position magnet 1, increasing signal (P1A)
Output 2: Velocity magnet 1, -1 m/s ... 1 m/s for range 0,5 ... 10 V (VZ1.0)
OrdercodePCST25
Modelname
Mounting
M18
= Thread M18 x 1,5
Z3/4
= Thread ¾"-16UNF
SV
= Plug-in version
Measurementrange(inmm)
100 ... 5750 (in 10 mm increments)
other lengths upon request
Output
U1
= 0 ... 10 V signal conditioner
U1/H
= U1 with Alarm_HOLD (see page 14)
U2
= 0.5 ... 10 V signal conditioner
U2/U; U2/H = U2 with Alarm_LOW; U2 with Alarm_HOLD (see page 14)
U8
= 0.5 ... 4.5 V signal conditioner
U8/U; U8/H = U8 with Alarm_LOW; U8 with Alarm_HOLD (see page 14)
I1
= 4 ... 20 mA signal conditioner (3 wire)
I1/U; I1/H
= I1 with Alarm_LOW; I1 with Alarm_HOLD (see page 14)
Functionandcharacteristicsoutput1
P1A
= Position magnet 1, increasing
P1D
= Position magnet 1, decreasing
DA
= Difference magnet 1/2, increasing (2 magnets required)
DD
= Difference magnet 1/2, decreasing (2 magnets required)
Functionandcharacteristicsoutput2
P2A
= Position magnet 2, increasing
P2D
= Position magnet 2, decreasing
DA
= Difference magnet 1/2, increasing
DD
= Difference magnet 1/2, decreasing
VZx.x
= Velocity with direction detection (with 1 magnet only)
VZx.x = Velocity in steps of 0.1 m/s
Example: VZ1.5 towards start position
towards end position
-1.5 m/s
0
+1.5 m/s
Output U2:
0.5 V
5.25 V
10 V
Output I1:
4 mA
12 mA
20 mA
VAx.x
= Velocity without direction detection (with 1 magnet only)
VAx.x = Velocity in steps of 0.1 m/s
Example: VA1.5 towards start position
towards end position
-1.5 m/s
0
+1.5 m/s
Output U2:
10 V
0.5 V
10 V
Output I1:
20 mA
4 mA
20 mA
Linearity
L02 / L02MM / L10 (for definition see "Specifications" above)
Connection
KAB2M
= Cable, standard length 2 m, other lengths upon request
2channel,
configurable
2 magnets required
DB-PCST25-E-2013-11
www.asm-sensor.com
2/19
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com