Electronic Components Datasheet Search
  English  ▼

X  

1022167 Datasheet(PDF) 5 Page - SICK AG

Part # 1022167
Description  MEASURING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1022167 Datasheet(HTML) 5 Page - SICK AG

  1022167 Datasheet HTML 1Page - SICK AG 1022167 Datasheet HTML 2Page - SICK AG 1022167 Datasheet HTML 3Page - SICK AG 1022167 Datasheet HTML 4Page - SICK AG 1022167 Datasheet HTML 5Page - SICK AG 1022167 Datasheet HTML 6Page - SICK AG 1022167 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MLG1-0590I812 | MLG
MEASURING AUTOMATION LIGHT GRIDS
2016-01-29 09:44:08 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
5
Adjustments
LED indicator
NC
blinks with 3 Hz
on
out
on or out
4
1
5
6
7
8
9
2
3
①  Supply voltage
②  Device error
③  No object in the light path
④  Contamination control
⑤  Blocked Beams Hold (BBH)
⑥  Activated teach-in procedure
⑦  ParamMode is active
⑧  Standby
⑨  Error: E1 = sync. error; E2 = less receiver signal; E9 = defect
Connection type and diagram
Sync B
L+
Sync A
Q1
In1/Teach-in
M
Q2/RS-485 A
Q3/RS-485 B
wht
brn
grn
yel
gra
pnk
blu
red
1
2
3
4
5
6
7
8
Sync B
L+
Sync A
TEST
nc
M
nc
nc
wht
brn
grn
yel
gra
pnk
blu
red
1
2
3
4
5
6
7
8
Sender
Receiver
1
1
1
①  Not assigned



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com