Electronic Components Datasheet Search
  English  ▼

X  

PTAM5 Datasheet(PDF) 2 Page - ASM GmbH

Part # PTAM5
Description  Extremely robust Inclination Sensor with Analog Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM5 Datasheet(HTML) 2 Page - ASM GmbH

  PTAM5 Datasheet HTML 1Page - ASM GmbH PTAM5 Datasheet HTML 2Page - ASM GmbH PTAM5 Datasheet HTML 3Page - ASM GmbH PTAM5 Datasheet HTML 4Page - ASM GmbH PTAM5 Datasheet HTML 5Page - ASM GmbH PTAM5 Datasheet HTML 6Page - ASM GmbH PTAM5 Datasheet HTML 7Page - ASM GmbH PTAM5 Datasheet HTML 8Page - ASM GmbH PTAM5 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PTDM5
KAB - XM - M12/5F/G - M12/5M/G - CAN
Digital Inclination Sensor with 1 or 2 axes
in MEMS technology
● Measurement range ±180° for 1 axis or ±60° for 2 axes
● Protection class IP67 / IP69K, optional IP68 (bar)
● CANopen output
● Stainless steel housing
● Wear free, high resolution
● High shock resistance
● Seawaterproof
● Suitable for use on ocean-going vessels
* Depth and duration of immersion must be specified!
Specifications
Output
CANopen (profile „Inclination Sensor“)
Measurement range
±180° for 1 axis or ±60° for 2 axes
Resolution
0.05 °
Linearity
±0.5°
Settling time
0.1 s ... 10 s / 90% configurable
Protection class
IP67 / IP69K (connector output with IP69K connector
cable), optional IP68*
Material
Stainless steel
Mounting
Screws M8
Connection
5 pin connector M12 axial or radial
Shock (non-operational)
EN60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration (non-operational)
EN60068-2-6:2008, 20 g/10 Hz-2 kHz, 10 cycles
EMV, temperature
Refer to output specification
POSITILT®
PTDM5
Extremely robust Inclination Sensor with CANopen Output
Order example: PTDM5 - CANOP - M12R5/CAN - VA
Order code PTDM5
Model name
Output
CANOP
= CANopen
CANJ1939
= CAN SAE J1939
Connection
M12R5/CAN
= 5-pin socket M12, radial
M12A5/CAN
= 5-pin socket M12, axial
Housing material
VA
= Stainless steel
Order code connector cable (see page 10)
DB-PTAM5/PTDM5-E-2014-05/0.1.0
www.asm-sensor.com
2/10
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com