Electronic Components Datasheet Search
  English  ▼

X  

WB12 Datasheet(PDF) 2 Page - ASM GmbH

Part # WB12
Description  Analog Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB12 Datasheet(HTML) 2 Page - ASM GmbH

  WB12 Datasheet HTML 1Page - ASM GmbH WB12 Datasheet HTML 2Page - ASM GmbH WB12 Datasheet HTML 3Page - ASM GmbH WB12 Datasheet HTML 4Page - ASM GmbH WB12 Datasheet HTML 5Page - ASM GmbH WB12 Datasheet HTML 6Page - ASM GmbH WB12 Datasheet HTML 7Page - ASM GmbH WB12 Datasheet HTML 8Page - ASM GmbH WB12 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
WB12
BAB1
DB-WB12-E-2013-11
2/18
© ASM GmbH
www.asm-sensor.com
Order example: WB12 - 2000 - U2/PMU - A - L10 - M12A5 - BAB1
Order code connector cable see page 15
POSITAPE®
WB12
Analog output, programmable
Specifications
Output
U2/PMU
U8/PMU
I1/PMU
Voltage 0.5 ... 10 V, programmable
Voltage 0.5 ... 4.5 V, programmable
Current 4 ... 20 mA, 3 wire, programmable
Resolution
<0,05 mm
Linearity
±0.10 % f. s.; optional ±0.05 %
Sensing device
Magnetic absolute encoder
Material
Aluminium, stainless steel and plastic
Tape: stainless steel, 10 mm wide, 0.08 mm thick
Protection class
IP67/IP69K (with mating connector)
Connection
Connector M12, 5 pin
Shock
EN 60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
EMC, temperature
Refer to output specification
Position sensor with measuring tape
• Measurement range up to 4000 mm
• Protection class IP67/IP69K
• Stainless steel measuring tape
• Analog output, programmable
Order code WB12
Model name
Measurement range (in mm)
250/375/500/750/1000/1250/1500/2000/2500/3000/3500/4000
Output
U2/PMU
= 0.5 ... 10 V signal conditioner, programmable
U8/PMU
= 0.5 ... 4.5 V signal conditioner, programmable
I1/PMU
= 4 ... 20 mA signal conditioner, programmable
Signal characteristics
A
= increasing (eg. 4 ... 20 mA)
D
= decreasing (eg. 20 ... 4 mA)
Linearity
L10
= ±0.10 % (standard)
L05
= ±0.05 % (optional, only for measurement ranges ≥1000 mm)
Connection
M12A5
= Connector M12, 5 pin
Dust wiper
BAB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com